Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG40N60B3 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HGTG40N60B3
Description  70A, 600V, UFS Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTG40N60B3 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  HGTG40N60B3 Datasheet HTML 1Page - Fairchild Semiconductor HGTG40N60B3 Datasheet HTML 2Page - Fairchild Semiconductor HGTG40N60B3 Datasheet HTML 3Page - Fairchild Semiconductor HGTG40N60B3 Datasheet HTML 4Page - Fairchild Semiconductor HGTG40N60B3 Datasheet HTML 5Page - Fairchild Semiconductor HGTG40N60B3 Datasheet HTML 6Page - Fairchild Semiconductor HGTG40N60B3 Datasheet HTML 7Page - Fairchild Semiconductor HGTG40N60B3 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
HGTG40N60B3 Rev. B3
FIGURE 16. NORMALIZED TRANSIENT THERMAL RESPONSE, JUNCTION TO CASE
Test Circuit and Waveform
FIGURE 17. INDUCTIVE SWITCHING TEST CIRCUIT
FIGURE 18. SWITCHING TEST WAVEFORM
Typical Performance Curves (Unless Otherwise Specified) (Continued)
10-5
10-3
10-2
10-1
100
101
10-4
t1, RECTANGULAR PULSE DURATION (s)
10-1
0.5
SINGLE PULSE
0.01
0.1
0.05
0.02
t2
PD
t1
PEAK TJ = (PD X ZθJC X RθJC) + TC
DUTY FACTOR, D = t1 / t2
100
10-2
0.2
RG = 3Ω
L = 100µ
µH
VDD = 480V
+
-
RHRP3060
tfI
td(OFF)I
trI
td(ON)I
10%
90%
10%
90%
VCE
ICE
VGE
EOFF
EON
HGTG40N60B3


Similar Part No. - HGTG40N60B3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
   70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Harris Corporation
HGTG40N60B3 HARRIS-HGTG40N60B3 Datasheet
65Kb / 6P
   70A, 600V, UFS Series N-Channel IGBT
More results

Similar Description - HGTG40N60B3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
   70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Harris Corporation
HGTG40N6 HARRIS-HGTG40N6 Datasheet
65Kb / 6P
   70A, 600V, UFS Series N-Channel IGBT
logo
Fairchild Semiconductor
HGT1Y40N60B3D FAIRCHILD-HGT1Y40N60B3D Datasheet
132Kb / 9P
   70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG20N60C3 INTERSIL-HGTG20N60C3 Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
HGT1S20N60C3S9A FAIRCHILD-HGT1S20N60C3S9A Datasheet
153Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60C3 INTERSIL-HGTG30N60C3 Datasheet
99Kb / 6P
   63A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60C3 FAIRCHILD-HGTG40N60C3 Datasheet
122Kb / 8P
   75A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3 FAIRCHILD-HGTG30N60B3 Datasheet
221Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com