Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL566SF-K Datasheet(PDF) 9 Page - Micronas

Part # HAL566SF-K
Description  Two-Wire Hall Effect Sensor Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL566SF-K Datasheet(HTML) 9 Page - Micronas

Back Button HAL566SF-K Datasheet HTML 5Page - Micronas HAL566SF-K Datasheet HTML 6Page - Micronas HAL566SF-K Datasheet HTML 7Page - Micronas HAL566SF-K Datasheet HTML 8Page - Micronas HAL566SF-K Datasheet HTML 9Page - Micronas HAL566SF-K Datasheet HTML 10Page - Micronas HAL566SF-K Datasheet HTML 11Page - Micronas HAL566SF-K Datasheet HTML 12Page - Micronas HAL566SF-K Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
HAL55x, HAL56x
9
Micronas
3.7. Magnetic Characteristics Overview at TJ = –40 °C to +170 °C, VDD = 4 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Sensor
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Unit
Switching Type
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
HAL 556
–40
°C
3.4
6.3
7.7
2.1
4.2
5.9
0.8
2.1
3
mT
unipolar
25
°C
3.4
6
7.4
2
3.8
5.7
0.5
1.8
2.8
mT
100
°C
3.2
5.5
7.2
1.9
3.7
5.7
0.3
1.8
2.8
mT
170
°C
2.8
5
7.6
1
3.5
6.2
0.2
1.5
3.2
mT
HAL 560
–40
°C
41
46.5
52
47
53
59
4
6.5
10
mT
unipolar
25
°C
41
46.6
52
46
52.5
58.5
3
6
9
mT
inverted
100
°C
41
45.7
52
45
41.1
57.5
2
5.4
8
mT
170
°C
38
44.2
50
42
49
55.5
2
4.8
8
mT
HAL 566
–40
°C
2.1
4
5.9
3.4
6
7.7
0.8
2
2.8
mT
unipolar
25
°C
2
3.9
5.7
3.4
5.9
7.2
0.5
2
2.7
mT
inverted
100
°C
1.85
3.8
5.7
3.25
5.6
7
0.3
1.8
2.6
mT
170
°C
1
3.4
6.3
2.2
4.8
7.6
0.2
1.4
3
mT
Note: For detailed descriptions of the individual types, see pages 12 and following.


Similar Part No. - HAL566SF-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL566SF-K MICRONAS-HAL566SF-K Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results

Similar Description - HAL566SF-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
   Two-Wire Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com