Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV2G157A Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74LV2G157A
Description  2-channel Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV2G157A Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74LV2G157A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HD74LV2G157A
Rev.2, Jul. 2001, page 9 of 11
Input
In phase output
Out of phase output
• Waveforms
tPHL
tPLH
tPHL
tPLH
VOH
VOL
VOH
VOL
50%
50%
50%
50%
50%
50%
GND
VCC
tr
10 %
10 %
90 %
90 %
tf
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
2. The output are measured one at a time with one transition per measurement.


Similar Part No. - HD74LV2G157A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G157A RENESAS-HD74LV2G157A Datasheet
95Kb / 11P
   2-channel Multiplexer
HD74LV2G157AUSE RENESAS-HD74LV2G157AUSE Datasheet
95Kb / 11P
   2-channel Multiplexer
HD74LV2G157A RENESAS-HD74LV2G157A_15 Datasheet
120Kb / 13P
   2?밹hannel Multiplexer
More results

Similar Description - HD74LV2G157A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
   2-CHANNEL MULTIPLEXER
logo
Renesas Technology Corp
HD74ALVC2G157 RENESAS-HD74ALVC2G157_15 Datasheet
120Kb / 13P
   2-channel Multiplexer
logo
Toshiba Semiconductor
TC7WH157FK TOSHIBA-TC7WH157FK_09 Datasheet
182Kb / 7P
   2-Channel Multiplexer
logo
Renesas Technology Corp
HD74LV2G157A RENESAS-HD74LV2G157A Datasheet
95Kb / 11P
   2-channel Multiplexer
HD74ALVC2G157 RENESAS-HD74ALVC2G157 Datasheet
96Kb / 11P
   2-channel Multiplexer
Rev.4.00, Dec.18.2003,
logo
NXP Semiconductors
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
   2-channel I2C multiplexer
2004 Sep 29
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
NXP Semiconductors
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
   2-channel I2C multiplexer
1999 Dec 15
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com