Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV2G04A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74LV2G04A
Description  Triple Inverters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV2G04A Datasheet(HTML) 6 Page - Hitachi Semiconductor

  HD74LV2G04A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV2G04A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV2G04A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV2G04A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV2G04A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV2G04A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV2G04A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV2G04A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV2G04A Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74LV2G04A
Rev.1, Jul. 2001, page 6 of 9
Switching Characteristics
• V
CC = 1.8 ± 0.15 V
Item
Symbol
T
a = 25°C
T
a = –40 to 85°C
Unit Test
FROM
TO
Min
Typ
Max
Min
Max
Conditions (Input)
(Output)
Propagation
t
PLH
12.6
22.0
1.0
24.0
ns
C
L = 15 pF
A
Y
delay time
t
PHL
19.7
33.0
1.0
36.0
C
L = 50 pF
• V
CC = 2.5 ± 0.2 V
Item
Symbol
T
a = 25°C
T
a = –40 to 85°C
Unit Test
FROM
TO
Min
Typ
Max
Min
Max
Conditions (Input)
(Output)
Propagation
t
PLH
7.0
11.7
1.0
14.0
ns
C
L = 15 pF
A
Y
delay time
t
PHL
10.5
15.5
1.0
18.0
C
L = 50 pF
• V
CC = 3.3 ± 0.3 V
Item
Symbol
T
a = 25°C
T
a = –40 to 85°C
Unit Test
FROM
TO
Min
Typ
Max
Min
Max
Conditions (Input)
(Output)
Propagation
t
PLH
5.0
7.1
1.0
8.5
ns
C
L = 15 pF
A
Y
delay time
t
PHL
7.5
10.6
1.0
12.0
C
L = 50 pF
• V
CC = 5.0 ± 0.5 V
Item
Symbol
T
a = 25°C
T
a = –40 to 85°C
Unit Test
FROM
TO
Min
Typ
Max
Min
Max
Conditions (Input)
(Output)
Propagation
t
PLH
3.8
5.5
1.0
6.5
ns
C
L = 15 pF
A
Y
delay time
t
PHL
5.3
7.5
1.0
8.5
C
L = 50 pF
Operating Characteristics
• C
L = 50 pF
Item
Symbol
V
CC (V)
T
a = 25°C
Unit
Test Conditions
Min
Typ
Max
Power dissipation
capacitance
C
PD
3.3
9.5
pF
f = 10 MHz
5.0
11.0


Similar Part No. - HD74LV2G04A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G04A RENESAS-HD74LV2G04A Datasheet
85Kb / 9P
   Triple Inverters
HD74LV2G04AUSE RENESAS-HD74LV2G04AUSE Datasheet
85Kb / 9P
   Triple Inverters
More results

Similar Description - HD74LV2G04A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G04A RENESAS-HD74LV2G04A Datasheet
85Kb / 9P
   Triple Inverters
HD74LVC3G04 RENESAS-HD74LVC3G04 Datasheet
2Mb / 9P
   Triple Inverters
HD74LV2GU04A RENESAS-HD74LV2GU04A Datasheet
84Kb / 9P
   Triple Unbuffered Inverters
HD74LV2GU04A RENESAS-HD74LV2GU04A_15 Datasheet
108Kb / 11P
   Triple Unbuffered Inverters
HD74LV2GT04A RENESAS-HD74LV2GT04A_15 Datasheet
107Kb / 10P
   Triple Inverters / CMOS Logic Level Shifter
HD74LV2G14A RENESAS-HD74LV2G14A Datasheet
85Kb / 9P
   Triple Inverters with Schmitt-trigger Inputs
HD74LV2G14A RENESAS-HD74LV2G14A_15 Datasheet
109Kb / 11P
   Triple Inverters with Schmitt?뱓rigger Inputs
HD74LV2GT14A RENESAS-HD74LV2GT14A_15 Datasheet
110Kb / 12P
   Triple Inverters with Schmitt-trigger Inputs /CMOS Logic Level Shifter
HD74LV2GT14A RENESAS-HD74LV2GT14A Datasheet
86Kb / 10P
   Triple Inverters with Schmitt-trigger Inputs / CMOS Logic Level Shifter
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com