Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2519 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2519
Description  Silicon Complementary Transistors High Voltage Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2519 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2519 Datasheet HTML 1Page - NTE Electronics NTE2519 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2519 (NPN) & NTE2520 (PNP)
Silicon Complementary Transistors
High Voltage Driver
Features:
D High Breakdown Voltage
D Large Current Capacity
D Isolated Package
Applications:
D Color TV Audio Output
D Converters
D Inverters
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector to Base Voltage, VCBO
180V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector to Emitter Voltage, VCEO
160V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter to Base Voltage, VEBO
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
2.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Dissipation, PC
TA = +25°C
1.5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TC = +25°C
10W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICBO
VCB = 120V, IE = 0
1.0
µA
Emitter Cutoff Current
IEBO
VEB = 4V, IC = 0
1.0
µA
DC Current Gain
hFE
VCE = 5V, IC = 100mA
140
400
VCE = 5V, IC = 10mA
90
Gain Bandwidth Product
fT
VCE = 10V, IC = 50mA
120
MHz


Similar Part No. - NTE2519

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE251 NTE-NTE251 Datasheet
26Kb / 3P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE2510 NTE-NTE2510 Datasheet
22Kb / 2P
   Silicon NPNTransistor High Frequency Video Output
NTE2511 NTE-NTE2511 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Frequency Video Output for HDTV
NTE2512 NTE-NTE2512 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Frequency Video Output for HDTV
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results

Similar Description - NTE2519

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2530 NTE-NTE2530 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Driver
NTE188 NTE-NTE188 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Voltage Amplifier & Driver
NTE18 NTE-NTE18 Datasheet
20Kb / 2P
   Silicon Complementary Transistors High Voltage, High Current Capacity Driver
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
CMPT6517 CENTRAL-CMPT6517 Datasheet
104Kb / 2P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
logo
NTE Electronics
NTE49 NTE-NTE49 Datasheet
27Kb / 2P
   Silicon Complementary Transistors General Purpose, High Voltage Amp, Driver
NTE2545 NTE-NTE2545 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington, High Speed Driver
NTE2341 NTE-NTE2341 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2528 NTE-NTE2528 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Voltage Switch
NTE2547 NTE-NTE2547 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com