Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G751-1P1 Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G751-1P1
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G751-1P1 Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G751-1P1 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Ver: 2.4
Nov 26, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G751
Global Mixed-mode Technology Inc.
8 Pin MSOP Package
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-----
-----
1.10
-----
-----
0.043
A1
0.05
-----
0.15
0.002
-----
0.006
A2
0.81
0.86
0.91
0.032
0.034
0.036
b
0.25
-----
0.40
0.008
-----
0.012
b1
0.25
0.30
0.35
0.010
0.012
0.014
c
0.13
-----
0.23
0.005
0.009
c1
0.13
0.15
0.18
0.005
0.006
0.007
D
2.90
3.00
3.10
0.114
0.118
0.122
E1
2.90
3.00
3.10
0.114
0.118
0.122
e
0.65 BSC
0.026 BSC
E
4.90 BSC
0.193 BSC
L
0.445
0.55
0.648
0.0175
0.0217
0.0255
θ
1
0
°
-----
6
°
0
°
-----
6
°
θ
2
12 REF
12 REF
θ
3
12 REF
12 REF
R
0.09
-----
-----
0.004
-----
-----
R1
0.09
-----
-----
0.004
-----
-----
JEDEC
MO-187AA
Taping Specification
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
Typical SOP/MSOP Package Orientation
Feed Direction
Typical SOP/MSOP Package Orientation
E1
8
E
1
DETAIL “A”
A
A
CL
e
b
D
A2
A
A1
C
0.076
SEATING PLANE
b
b1
WITH PLATING
BASE METAL
c1
c
θ
1
GAUGE PLANE
R
R1
L
θ3
θ2
E1
8
E
1
DETAIL “A”
A
A
CL
e
b
D
A2
A
A1
C
0.076
SEATING PLANE
b
b1
WITH PLATING
BASE METAL
c1
c
θ
1
GAUGE PLANE
R
R1
L
θ3
θ2


Similar Part No. - G751-1P1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results

Similar Description - G751-1P1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com