Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJL4315 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJL4315
Description  Audio Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJL4315 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJL4315 Datasheet HTML 1Page - Fairchild Semiconductor FJL4315 Datasheet HTML 2Page - Fairchild Semiconductor FJL4315 Datasheet HTML 3Page - Fairchild Semiconductor FJL4315 Datasheet HTML 4Page - Fairchild Semiconductor FJL4315 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B, March 2003
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test : PW=20us
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
230
V
VCEO
Collector-Emitter Voltage
230
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current(DC)
15
A
IB
Base Current
1.5
A
PC
Collector Dissipation (TC=25°C)
150
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 50 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=5mA, IE=0
230
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=10mA, RBE=∞
230
V
BVEBO
Emitter-Base Breakdown Voltage
IE=5mA, IC=0
5
V
ICBO
Collector Cut-off Current
VCB=230V, IE=0
5.0
uA
IEBO
Emitter Cut-off Current
VEB=5V, IC=0
5.0
uA
hFE1
* DC Current Gain
VCE=5V, IC=1A
55
160
hFE2
DC Current Gain
VCE=5V, IC=7A
35
60
VCE(sat)
Collector-Emitter Saturation Voltage
IC=8A, IB=0.8A
0.4
3.0
V
VBE(on)
Base-Emitter On Voltage
VCE=5V, IC=7A
1.0
1.5
V
fT
Current Gain Bandwidth Product
VCE=5V, IC=1A
30
MHz
Cob
Output Capacitance
VCB=10V, f=1MHz
200
pF
Classification
R
O
hFE1
55 ~ 110
80 ~ 160
FJL4315
Audio Power Amplifier
• High Current Capability : IC=15A
• High Power Dissipation
•Wide S.O.A
• Complement to FJL4215
1.Base 2.Collector 3.Emitter
1
TO-264


Similar Part No. - FJL4315

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJL4315 FAIRCHILD-FJL4315 Datasheet
205Kb / 6P
   NPN Epitaxial Silicon Transistor
FJL4315OTU FAIRCHILD-FJL4315OTU Datasheet
205Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
FJL4315OTU ONSEMI-FJL4315OTU Datasheet
238Kb / 7P
   NPN Epitaxial Silicon Transistor
January 2009 Rev. C
logo
Fairchild Semiconductor
FJL4315RTU FAIRCHILD-FJL4315RTU Datasheet
205Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
FJL4315RTU ONSEMI-FJL4315RTU Datasheet
238Kb / 7P
   NPN Epitaxial Silicon Transistor
January 2009 Rev. C
More results

Similar Description - FJL4315

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
logo
Toshiba Semiconductor
TA7368P TOSHIBA-TA7368P Datasheet
386Kb / 10P
   AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com