Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2828S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ES2828S
Description  V.90 PCI DSP Modem Solution
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES2828S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ES2828S Datasheet HTML 1Page - List of Unclassifed Manufacturers ES2828S Datasheet HTML 2Page - List of Unclassifed Manufacturers ES2828S Datasheet HTML 3Page - List of Unclassifed Manufacturers ES2828S Datasheet HTML 4Page - List of Unclassifed Manufacturers ES2828S Datasheet HTML 5Page - List of Unclassifed Manufacturers ES2828S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
© 2001 ESS Technology, Inc.
SAM0402-050301
ES2898/ES2828 PRODUCT BRIEF
ORDERING INFORMATION
No part of this publication may be reproduced, stored in a
retrieval system, transmitted, or translated in any form or
by any means, electronic, mechanical, manual, optical, or
otherwise, without the prior written permission of ESS
Technology, Inc.
ESS Technology, Inc. makes no representations or
warranties regarding the content of this document.
All specifications are subject to change without prior
notice.
ESS Technology, Inc. assumes no responsibility for any
errors contained herein.
TeleDrive is a registered trademark of ESS Technology, Inc.
(P) U.S. patents pending.
All other trademarks are owned by their respective
holders and are used for identification purposes only.
ESS Technology, Inc.
48401 Fremont Blvd.
Fremont, CA 94538
Tel: (510) 492-1088
Fax: (510) 492-1898
ORDERING INFORMATION
ID1
33
I
Modem AFE configuration strap pin 1. When pulled down internally with ID0 pin 35, helps set
primary and secondary modem codec ID configuration.
PWDN#
34
I
Power down.
ID0
35
I
Modem AFE configuration strap pin 0. When pulled down internally with ID1 pin 33, helps set
primary and secondary modem codec ID configuration.
SDATA_IN
36
O
Serial port output with VAUX support.
VAUX
37
I
Power to device during implementation of the D3cold state required by PCI power management
Interface specification.
GPIO_0
38
I
GPIO_0 input/output.
GPIO_1
39
I/O
GPIO_1 input/output.
GPIO_2
40
I/O
Used for voice relay control pin (output).
GPIO_3
41
I/O
GPIO_3 input/output.
GPIO_4
42
I/O
GPIO_4 input/output.
GPIO_5
43
I/O
GPIO_5 input/output.
GPIO_6
45
I/O
GPIO_6 input/output.
GPIO_7
46
I/O
GPIO_7 input/output.
GPIO_8
47
I/O
GPIO_8 input/output.
GPIO_9
48
I/O
GPIO_9 input/output.
Part Numbers
Descriptions
Packages
ES2898S
V.90 PCI DSP Modem
100-pin LQFP
ES2828S
Modem Analog Front End
48-pin LQFP
Table 2 ES2828 Pin Descriptions (Continued)
Names
Pin Numbers
I/O
Definitions


Similar Part No. - ES2828S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES2838 ETC-ES2838 Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
ES2838S ETC-ES2838S Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
ES2839 ETC-ES2839 Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
ES2839S ETC-ES2839S Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
ES2840 ETC-ES2840 Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
More results

Similar Description - ES2828S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES2839 ETC-ES2839 Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
logo
List of Unclassifed Man...
ES2838 ETC-ES2838 Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
logo
Bel Fuse Inc.
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
logo
Filtran LTD
7197 FILTRAN-7197 Datasheet
183Kb / 1P
   V.90 Modem transformer
6647 FILTRAN-6647 Datasheet
87Kb / 1P
   V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
   V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
   V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com