Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8202IY-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL8202IY-T7
Description  500MHz Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8202IY-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL8202IY-T7 Datasheet HTML 1Page - Intersil Corporation EL8202IY-T7 Datasheet HTML 2Page - Intersil Corporation EL8202IY-T7 Datasheet HTML 3Page - Intersil Corporation EL8202IY-T7 Datasheet HTML 4Page - Intersil Corporation EL8202IY-T7 Datasheet HTML 5Page - Intersil Corporation EL8202IY-T7 Datasheet HTML 6Page - Intersil Corporation EL8202IY-T7 Datasheet HTML 7Page - Intersil Corporation EL8202IY-T7 Datasheet HTML 8Page - Intersil Corporation EL8202IY-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGE LEVELS
FIGURE 2. SMALL SIGNAL FREQUENCY RESPONSE
vs RF AND RG
FIGURE 3. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS NON-INVERTING GAINS
FIGURE 4. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS INVERTING GAINS
FIGURE 5. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS NON-INVERTING GAINS
FIGURE 6. SMALL SIGNAL FREQUENCY RESPONSE vs
VARIOUS RLOAD
5
3
1
-1
-3
-5
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
AV=1
RL=1kΩ
CL=2.5pF
4
2
0
-2
-4
VOP-P=200mV
VOP-P=1V
VOP-P=2V
5
3
1
-1
-3
-5
100K
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
AV=2
RL=1kΩ
CL=2.5pF
RF=RG=2kΩ
RF=RG=500Ω
RF=RG=1kΩ
5
3
1
-1
-3
-5
1M
10M
100M
1G
FREQUENCY (Hz)
AV=10
AV=1
VS=5V
CL=2.5pF
RL=1kΩ
AV=5
AV=2
4
2
0
-2
-4
4
2
0
-2
-4
-6
100K
1M
10M
100M
1G
FREQUENCY (Hz)
AV=-10
VS=5V
CL=2.5pF
RL=1kΩ
RF=1kΩ
AV=-1
AV=-5
5
3
1
-1
-3
-5
1M
10M
100M
1G
FREQUENCY (Hz)
RL=1kΩ
VS=5V
AV=1
CL=2.5pF
4
2
0
-2
-4
RL=100Ω
RL=500Ω
11
9
7
5
3
1
100K
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
AV=2
CL=2.5pF
RF=RG=1kΩ
RL=500Ω
RL=1kΩ,
150
EL8202, EL8203, EL8403


Similar Part No. - EL8202IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8202IY-T7 INTERSIL-EL8202IY-T7 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202IY-T7 RENESAS-EL8202IY-T7 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8202IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com