Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8202IY Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL8202IY
Description  500MHz Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8202IY Datasheet(HTML) 1 Page - Intersil Corporation

  EL8202IY Datasheet HTML 1Page - Intersil Corporation EL8202IY Datasheet HTML 2Page - Intersil Corporation EL8202IY Datasheet HTML 3Page - Intersil Corporation EL8202IY Datasheet HTML 4Page - Intersil Corporation EL8202IY Datasheet HTML 5Page - Intersil Corporation EL8202IY Datasheet HTML 6Page - Intersil Corporation EL8202IY Datasheet HTML 7Page - Intersil Corporation EL8202IY Datasheet HTML 8Page - Intersil Corporation EL8202IY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN7106.1
EL8202, EL8203, EL8403
500MHz Rail-to-Rail Amplifiers
The EL8202, EL8203, and EL8403 represent rail-to-rail
amplifiers with a -3dB bandwidth of 500MHz and slew rate of
600V/µs. Running off a very low supply current of 5.6mA per
channel, the EL8202, EL8203, and EL8403 also feature
inputs that go to 0.15V below the VS- rail. The EL8202 and
EL8203 are dual channel amplifiers. The EL8403 is a quad
channel amplifier.
The EL8202 includes a fast-acting disable/power-down
circuit. With a 25ns disable and a 200ns enable, the EL8202
is ideal for multiplexing applications.
The EL8202, EL8203, and EL8403 are designed for a
number of general purpose video, communication,
instrumentation, and industrial applications. The EL8202 is
available in a 10-pin MSOP package, the EL8203 in 8-pin
SO and 8-pin MSOP packages, and the EL8403 in 14-pin
SO and 16-pin QSOP packages. All are specified for
operation over the -40°C to +85°C temperature range.
Features
• 500MHz -3dB bandwidth
• 600V/µs slew rate
• Low supply current = 5.6mA per channel
• Supplies from 3V to 5.5V
• Rail-to-rail output
• Input to 0.15V below VS-
• Fast 25ns disable (EL8202 only)
•Low cost
• Pb-Free available (RoHS compliant)
Applications
• Video amplifiers
• Portable/hand-held products
• Communications devices
Ordering Information
PART
NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL8202IY
10-Pin MSOP
-
MDP0043
EL8202IY-T7
10-Pin MSOP
7”
MDP0043
EL8202IY-T13
10-Pin MSOP
13”
MDP0043
EL8202IYZ
(See Note)
10-Pin MSOP
(Pb-free)
-
MDP0043
EL8202IYZ-T7
(See Note)
10-Pin MSOP
(Pb-free)
7”
MDP0043
EL8202IYZ-T13
(See Note)
10-Pin MSOP
(Pb-free)
13”
MDP0043
EL8203IS
8-Pin SO
-
MDP0027
EL8203IS-T7
8-Pin SO
7”
MDP0027
EL8203IS-T13
8-Pin SO
13”
MDP0027
EL8203ISZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL8203ISZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL8203ISZ-T13
(See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
EL8203IY
8-Pin MSOP
-
MDP0043
EL8203IY-T7
8-Pin MSOP
7”
MDP0043
EL8203IY-T13
8-Pin MSOP
13”
MDP0043
EL8403IS
14-Pin SO
-
MDP0027
EL8403IS-T7
14-Pin SO
7”
MDP0027
EL8403IS-T13
14-Pin SO
13”
MDP0027
EL8403ISZ
(See Note)
14-Pin SO
(Pb-free)
-
MDP0027
EL8403ISZ-T7
(See Note)
14-Pin SO
(Pb-free)
7”
MDP0027
EL8403ISZ-T13
(See Note)
14-Pin SO
(Pb-free)
13”
MDP0027
EL8403IU
16-Pin QSOP
-
MDP0040
EL8403IU-T7
16-Pin QSOP
7”
MDP0040
EL8403IU-T13
16-Pin QSOP
13”
MDP0040
EL8403IUZ
(See Note)
16-Pin QSOP
(Pb-free)
-
MDP0040
EL8403IUZ-T7
(See Note)
16-Pin QSOP
(Pb-free)
7”
MDP0040
EL8403IUZ-T13
(See Note)
16-Pin QSOP
(Pb-free)
13”
MDP0040
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART
NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
Data Sheet
May 13, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL8202IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8202IY INTERSIL-EL8202IY Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202IY RENESAS-EL8202IY Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8202IY-T13 INTERSIL-EL8202IY-T13 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202IY-T13 RENESAS-EL8202IY-T13 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8202IY-T7 INTERSIL-EL8202IY-T7 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8202IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com