Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56100 Datasheet(PDF) 5 Page - Motorola, Inc

Part # DSP56100
Description  16-bit General Purpose Digital Signal Processor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56100 Datasheet(HTML) 5 Page - Motorola, Inc

  DSP56100 Datasheet HTML 1Page - Motorola, Inc DSP56100 Datasheet HTML 2Page - Motorola, Inc DSP56100 Datasheet HTML 3Page - Motorola, Inc DSP56100 Datasheet HTML 4Page - Motorola, Inc DSP56100 Datasheet HTML 5Page - Motorola, Inc DSP56100 Datasheet HTML 6Page - Motorola, Inc DSP56100 Datasheet HTML 7Page - Motorola, Inc DSP56100 Datasheet HTML 8Page - Motorola, Inc DSP56100 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
DSP56166
MOTOROLA
PRELIMINARY
Figure 3 DSP56166 Pinout
MODA/IRQA
MODB/IRQB
MODC/IRQC
RESET
EXTAL
CLKO
SXFC
VddS
GNDS
A0-A15
D0-D15
Vdd Add/Data
Vss Add/Data
BS
PS/DS
PEREN
WR
RD
R/W
TA
BR
BG
BB
Vdd Control
Vss Control
DSI/OS0
DSCK/OS1
DSO
DR
Quiet Vdd
Vss
PB0-PB7
PB8
PB9
PB10
PB11
PB12
PB13
PB14
H0-H7
HA0
HA1
HA2
HR/W
HEN
HREQ
HACK
Vdd Port B
Vss Port B
STD0
SRD0
SCK0
SFS0
STD1
SRD1
SCK1
SFS1
TIN
TOUT
Mic
Aux
SPKP
SPKM
Vrad
Vrda
Vdiv
VddA
VssA
Vdd port C
Vss Port C
PC0
PC1
PC2
PC4
PC5
PC6
PC7
PC9
PC10
PC11
PORT A
Host
Parallel
Interface
On-chip
Emulation
External
Bus
56 pins
(42 func.
5Vdd;9Vss)
Timer
Interrupt
and Mode
Control
Clock
and PLL
8
1
4
1
2
2
1
2
1
1
112 pins
(85 functional pins
16 ground pins
9 power pins
1 Aground pins
1 Apower pin)
Two
Serial
Interfaces
DSP56166
On-chip
Codec
1
1


Similar Part No. - DSP56100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
DSP56156FE40 MOTOROLA-DSP56156FE40 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
DSP56156FE60 MOTOROLA-DSP56156FE60 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
DSP56156FV40 MOTOROLA-DSP56156FV40 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
DSP56156FV60 MOTOROLA-DSP56156FV60 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
More results

Similar Description - DSP56100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56001 NXP-DSP56001 Datasheet
1Mb / 64P
   24-Bit General Purpose Digital Signal Processor
May 4, 1998
logo
Motorola, Inc
DSP56001 MOTOROLA-DSP56001 Datasheet
884Kb / 64P
   24-Bit General Purpose Digital Signal Processor
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
   16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
   DSP56F802 16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com