Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1052 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1052
Description  5-Bit, Programmable, 100kHz Pulse-Width Modulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1052 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1052 Datasheet HTML 1Page - Dallas Semiconductor DS1052 Datasheet HTML 2Page - Dallas Semiconductor DS1052 Datasheet HTML 3Page - Dallas Semiconductor DS1052 Datasheet HTML 4Page - Dallas Semiconductor DS1052 Datasheet HTML 5Page - Dallas Semiconductor DS1052 Datasheet HTML 6Page - Dallas Semiconductor DS1052 Datasheet HTML 7Page - Dallas Semiconductor DS1052 Datasheet HTML 8Page - Dallas Semiconductor DS1052 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS1052
4 of 14
The master device generates all serial clock pulses and the START and STOP conditions. A transfer is
ended with a STOP condition or with a repeated START condition. Since a repeated START condition is
also the beginning of the next serial transfer, the bus will not be released.
The DS1052 may operate in the following two modes:
1. Slave receiver mode: Serial data and clock are received through SDA and SCL, respectively. After
each byte is received, an acknowledge bit is transmitted. START and STOP conditions are recognized
as the beginning and end of a serial transfer. Address recognition is performed by hardware after
reception of the slave (device) address and direction bit.
2. Slave transmitter mode: The first byte is received and handled as in the slave receiver mode.
However, in this mode the direction bit will indicate that the transfer direction is reversed. Serial data
is transmitted on SDA by the DS1052 while the serial clock is input on SCL. START and STOP
conditions are recognized as the beginning and end of a serial transfer.
SLAVE ADDRESS
A command/control byte is the first byte received following the START condition from the master
device. The command/control byte consists of a four-bit control code. For the DS1052, this is set as 0101
binary for read/write operations. The next three bits of the command/control byte are the device select
bits or slave address (A2, A1, A0). They are used by the master device to select which of eight possible
devices is to be accessed. When reading or writing the DS1052, the device select bits must match the
device select pins (A2, A1, A0). The last bit of the command/control byte (R/W) defines the operation to
be performed. When set to a one a read operation is selected, and when set to a zero a write operation is
selected. The command control byte is presented in Figure 3.
Following the START condition, the DS1052 monitors the SDA bus checking the device type identifier
being transmitted. Upon receiving the 0101 control code, the appropriate device address bits, and the
read/write bit, the slave device outputs an “acknowledge” signal on the SDA line.
COMMAND AND PROTOCOL
The command and protocol structure of the DS1052 allows the user to read or write the PWM
configuration register or place the device in a low-current state (shut-down mode) and recall the device
from a low-current state. Additionally, the 2-wire command/protocol structure of the DS1052 will support
eight different devices that can be uniquely controlled.
Figure 4a, b, c, d, & e show the five different command and protocol bytes for the DS1052. These include
the following command operations: 1) Set PWM duty cycle, 2) Set PWM duty cycle 100%, 3) Set
shutdown mode, 4) Set recall mode, 5) Read PWM configuration register.
The command operation “Set PWM Duty Cycle” is used to configure the output duty cycle of the device.
The DS1052 has a 5-bit resolution and is capable of setting the duty cycle output from 0% up to 96.88%
in steps of 3.125%. A binary value of (00000B) sets the duty cycle output at 0% while a binary value of
(11111B) sets the duty cycle output at 96.88%.
The command operation “Set PWM Duty Cycle 100%” is used to configure the output duty cycle of the
device to a “full-on.” This command is provided in addition to the Set PWM Duty Cycle command for
flexibility and convenience in total duty cycle coverage. It allows the user to provide a total duty cycle
range from 0% to 100%.


Similar Part No. - DS1052

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS105 LUMILEDS-DS105 Datasheet
2Mb / 25P
   High power color LEDs in a micro footprint package for ultimate design flexibility
logo
Dallas Semiconductor
DS1050 DALLAS-DS1050 Datasheet
231Kb / 17P
   5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
logo
Maxim Integrated Produc...
DS1050 MAXIM-DS1050 Datasheet
237Kb / 17P
   5-Bit, Programmable, Pulse Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
072701
logo
Advanced Energy Industr...
DS1050 ADVANCEDENERGY-DS1050 Datasheet
565Kb / 7P
   Distributed Power Bulk Front-End
01 12.10
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
   Distributed Power Bulk Front-End
More results

Similar Description - DS1052

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1050 DALLAS-DS1050 Datasheet
231Kb / 17P
   5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
logo
Maxim Integrated Produc...
DS1050 MAXIM-DS1050 Datasheet
237Kb / 17P
   5-Bit, Programmable, Pulse Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
072701
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com