Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62168DV30LL-70BVXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62168DV30LL-70BVXI
Description  16-Mbit (2048K x 8) Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62168DV30LL-70BVXI Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY62168DV30LL-70BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62168DV30LL-70BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62168DV30LL-70BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62168DV30LL-70BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62168DV30LL-70BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62168DV30LL-70BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62168DV30LL-70BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62168DV30LL-70BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62168DV30LL-70BVXI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY62168DV30
MoBL
Document #: 38-05329 Rev. *D
Page 7 of 9
Switching Waveforms (continued)
tWC
VALID DATA
tAW
tSA
tPWE
tHA
tHD
tSD
tSCE
CE1
ADDRESS
CE2
WE
DATA I/O
Write Cycle No. 2(CE1 or CE2 Controlled)
[13, 17, 18]
OE
VALID DATA
tHD
tSD
tLZWE
tPWE
tSA
tHA
tAW
tSCE
tWC
tHZWE
CE1
ADDRESS
CE2
WE
DATAI/O
Write Cycle No. 3 (WE Controlled, OE LOW)
[19]
See Note [19]
Truth Table
CE1
CE2
WE
OE
Inputs/Outputs
Mode
Power
H
X
X
X
High Z
Deselect/Power-down
Standby (ISB)
X
L
X
X
High Z
Deselect/Power-down
Standby (ISB)
L
H
H
L
Data Out (I/O0-I/O7)
Read
Active (ICC)
L
H
H
H
High Z
Output Disabled
Active (Icc)
L
H
L
X
Data in (I/O0-I/O7)
Write
Active (Icc)


Similar Part No. - CY62168DV30LL-70BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62168DV30LL-55BVI CYPRESS-CY62168DV30LL-55BVI Datasheet
310Kb / 9P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30LL-55BVI CYPRESS-CY62168DV30LL-55BVI Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62168DV30LL-55BVI CYPRESS-CY62168DV30LL-55BVI Datasheet
492Kb / 13P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30LL-55BVXI CYPRESS-CY62168DV30LL-55BVXI Datasheet
310Kb / 9P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30LL-55BVXI CYPRESS-CY62168DV30LL-55BVXI Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
More results

Similar Description - CY62168DV30LL-70BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com