Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167DV18LL-70 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62167DV18LL-70
Description  16M (1024K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167DV18LL-70 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62167DV18LL-70 Datasheet HTML 3Page - Cypress Semiconductor CY62167DV18LL-70 Datasheet HTML 4Page - Cypress Semiconductor CY62167DV18LL-70 Datasheet HTML 5Page - Cypress Semiconductor CY62167DV18LL-70 Datasheet HTML 6Page - Cypress Semiconductor CY62167DV18LL-70 Datasheet HTML 7Page - Cypress Semiconductor CY62167DV18LL-70 Datasheet HTML 8Page - Cypress Semiconductor CY62167DV18LL-70 Datasheet HTML 9Page - Cypress Semiconductor CY62167DV18LL-70 Datasheet HTML 10Page - Cypress Semiconductor CY62167DV18LL-70 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRELIMINARY
CY62167DV18
MoBL2™
Document #: 38-05326 Rev. *A
Page 10 of 11
© Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Diagram
MoBL is a registered trademark, and MoBL2 and More Battery Life are trademarks of Cypress Semiconductor. All product and
company names mentioned in this document are the trademarks of their respective holders.
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
55
CY62167DV18L-55**I
TBD
48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm)
Industrial
CY62167DV18LL-55**I
TBD
48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm)
70
CY62167DV18L-70**I
TBD
48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm)
Industrial
CY62167DV18LL-70**I
TBD
48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm)
48-lead VFBGA (8 x 9.5 x 1 mm) BV48B
51-85178-**


Similar Part No. - CY62167DV18LL-70

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167DV18LL-55BVXI CYPRESS-CY62167DV18LL-55BVXI Datasheet
543Kb / 11P
   16-Mbit (1M x 16) Static RAM
More results

Similar Description - CY62167DV18LL-70

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167DV20 CYPRESS-CY62167DV20 Datasheet
247Kb / 10P
   16-Mb (1024K x 16) Static RAM
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
   1024K x 8 MoBL Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
logo
Fujitsu Component Limit...
MB84VD2118XA FUJITSU-MB84VD2118XA Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
logo
Cypress Semiconductor
CY62158DV30 CYPRESS-CY62158DV30 Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com