Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1475V33-133BGXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1475V33-133BGXC
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1475V33-133BGXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1475V33-133BGXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1475V33-133BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1475V33-133BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1475V33-133BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1475V33-133BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1475V33-133BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1475V33-133BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1475V33-133BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1475V33-133BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PRELIMINARY
72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through
SRAM with NoBL™ Architecture
CY7C1471V33
CY7C1473V33
CY7C1475V33
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05288 Rev. *E
Revised December 5, 2004
Features
• No Bus Latency™ (NoBL™) architecture eliminates
dead cycles between write and read cycles.
• Can support up to 133-MHz bus operations with zero
wait states
• Data is transferred on every clock
• Pin compatible and functionally equivalent to ZBT™
devices
• Internally self-timed output buffer control to eliminate
the need to use OE
• Registered inputs for flow-through operation
• Byte Write capability
• 3.3V/2.5V I/O power supply
• Fast clock-to-output times
— 6.5 ns (for 133-MHz device)
— 8.5 ns (for 100-MHz device)
• Clock Enable (CEN) pin to enable clock and suspend
operation
• Synchronous self-timed writes
• Asynchronous Output Enable
• Offered in JEDEC-standard lead-free 100 TQFP, and
165-ball fBGA packages for CY7C1471V33 and
CY7C1473V33. 209-ball fBGA package for
CY7C1475V33.
• Three chip enables for simple depth expansion.
• Automatic Power-down feature available using ZZ
mode or CE deselect.
• JTAG boundary scan for BGA and fBGA packages
• Burst Capability—linear or interleaved burst order
• Low standby power
Functional Description[1]
The CY7C1471V33, CY7C1473V33 and CY7C1475V33 are
3.3V, 2M x 36/4M x 18/1M x 72 Synchronous Flow-through
Burst SRAMs designed specifically to support unlimited true
back-to-back Read/Write operations without the insertion of
wait
states.
The
CY7C1471V33,
CY7C1473V33
and
CY7C1475V33 are equipped with the advanced No Bus
Latency (NoBL) logic required to enable consecutive
Read/Write operations with data being transferred on every
clock cycle. This feature dramatically improves the throughput
of data through the SRAM, especially in systems that require
frequent Write-Read transitions.
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. The clock input is qualified by
the Clock Enable (CEN) signal, which when deasserted
suspends operation and extends the previous clock cycle.
Maximum access delay from the clock rise is 6.5 ns (133-MHz
device).
Write operations are controlled by the two or four Byte Write
Select (BWX) and a Write Enable (WE) input. All writes are
conducted with on-chip synchronous self-timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. In order to avoid bus
contention, the output drivers are synchronously tri-stated
during the data portion of a write sequence.
Selection Guide
133 MHz
100 MHz
Unit
Maximum Access Time
6.5
8.5
ns
Maximum Operating Current
335
305
mA
Maximum CMOS Standby Current
150
150
mA
Note:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.


Similar Part No. - CY7C1475V33-133BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1475V33-133BGXC CYPRESS-CY7C1475V33-133BGXC Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1475V33-133BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33 Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25 Datasheet
848Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com