Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23FP12OXCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY23FP12OXCT
Description  200-MHz Field Programmable Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FP12OXCT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY23FP12OXCT Datasheet HTML 2Page - Cypress Semiconductor CY23FP12OXCT Datasheet HTML 3Page - Cypress Semiconductor CY23FP12OXCT Datasheet HTML 4Page - Cypress Semiconductor CY23FP12OXCT Datasheet HTML 5Page - Cypress Semiconductor CY23FP12OXCT Datasheet HTML 6Page - Cypress Semiconductor CY23FP12OXCT Datasheet HTML 7Page - Cypress Semiconductor CY23FP12OXCT Datasheet HTML 8Page - Cypress Semiconductor CY23FP12OXCT Datasheet HTML 9Page - Cypress Semiconductor CY23FP12OXCT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY23FP12
Document #: 38-07246 Rev. *E
Page 6 of 10
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Supply Voltage
Non-functional
–0.5
7
VDC
VIN
Input Voltage REF
Relative to VCC
–0.5
7
VDC
VIN
Input Voltage Except REF
Relative to VCC
–0.5
VDD + 0.5
VDC
LUI
Latch-up Immunity
Functional
300
mA
TS
Temperature, Storage
Non-functional
–65
+125
°C
TA
Temperature, Operating Ambient
Commercial Temperature
0
+70
°C
TA
Temperature, Operating Ambient
Industrial Temperature
–40
+85
°C
TJ
Junction Temperature
Industrial Temperature
125
°C
ØJc
Dissipation, Junction to Case
Functional
34
°C/W
ØJa
Dissipation, Junction to Ambient
Functional
86
°C/W
ESDh
ESD Protection (Human Body Model)
2000
V
MSL
Moisture Sensitivity Level
MSL – 1
class
GATES
Total Functional Gate Count
Assembled Die
21375
each
UL–94
Flammability Rating
@ 1/8 in.
V–0
class
FIT
Failure in Time
Manufacturing test
10
ppm
TPU
Power-up time for all VDDs to reach
minimum specified voltage (power
ramps must be monotonic)
0.05
500
ms
DC Electrical Specifications for CY23FP12SC/I Commercial/Industrial Temperature Devices
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VDDC
Core Supply Voltage
3.135
3.465
V
VDDA, VDDB
Bank A, Bank B
Supply Voltage
3.135
3.465
V
2.375
2.625
V
VIL
Input LOW Voltage[3]
0.3 × VDD
V
VIH
Input HIGH Voltage[3]
0.7 × VDD
V
IIL
Input LOW Current[3] VIN = 0V
50.0
µA
IIH
Input HIGH Current[3] VIN = VDD
50.0
µA
VOL
Output LOW Voltage[4] VDDA/VDDB = 3.3V, IOL = 16 mA (standard drive)
VDDA/VDDB = 3.3V, IOL = 20 mA (high drive)
VDDA/VDDB = 2.5V, IOL = 16 mA (high drive)
0.5
V
VOH
Output HIGH
Voltage[4]
VDDA/VDDB = 3.3V, IOH = –16 mA (standard drive)
VDDA/VDDB = 3.3V, IOH = –20 mA (high drive)
VDDA/VDDB = 2.5V, IOH = –16 mA (high drive)
VDD – 0.5
V
IDDS
Power-down Supply
Current
REF = 0 MHz
12
50
µA
IDD
Supply Current
VDDA = VDDB = 2.5V, Unloaded outputs @ 166 MHz
40
65.0
mA
VDDA = VDDB = 2.5V, Loaded outputs @ 166 MHz,
CL = 15 pF
65
100
VDDA = VDDB = 3.3V, Unloaded outputs @ 166 MHz
50
80
VDDA = VDDB = 3.3V, Loaded outputs @ 166 MHz,
CL = 15 pF
100
120
Notes:
3. Applies to both Ref Clock and FBK.
4. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - CY23FP12OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12OXCT CYPRESS-CY23FP12OXCT Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12OXCT CYPRESS-CY23FP12OXCT Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY23FP12OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com