Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1031-12JC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1031-12JC
Description  64K x 18 Synchronous Cache RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1031-12JC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1031-12JC Datasheet HTML 1Page - Cypress Semiconductor CY7C1031-12JC Datasheet HTML 2Page - Cypress Semiconductor CY7C1031-12JC Datasheet HTML 3Page - Cypress Semiconductor CY7C1031-12JC Datasheet HTML 4Page - Cypress Semiconductor CY7C1031-12JC Datasheet HTML 5Page - Cypress Semiconductor CY7C1031-12JC Datasheet HTML 6Page - Cypress Semiconductor CY7C1031-12JC Datasheet HTML 7Page - Cypress Semiconductor CY7C1031-12JC Datasheet HTML 8Page - Cypress Semiconductor CY7C1031-12JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY7C1031
CY7C1032
Document #: 38-05278 Rev. *A
Page 3 of 13
Application Example
Figure 1 shows a 512-Kbyte secondary cache for the Pentium
microprocessor using four CY7C1031 cache RAMs.
PENTIUM
CLK
DATA
ADR
66-MHz OSC
CACHE
CLK
DATA
ADR
CLK
DATA
ADR
MATCH
DIRTY
VALID
MATCH
DIRTY
VALID
CD
ADSP
ADSC ADV OE WH0,
WL0
CACHE
CONTROLLER
CLK
DATA
ADR
ADSP
ADSC
ADV
OE
WH, WL
512 KB
7C1031
INTERFACE TO
MAIN MEMORY
WH,WL
WH,WL
WH,WL
WH1,
WL1
WH2,
WL2
WH3,
WL3
2
2
22
ADS
PROCESSOR
TAG
Figure 1. Cache Using Four CY7C1031s
Pin Definitions
Signal Name
Type
# of Pins
Description
VCC
Input
1
+5V Power
VCCQ
Input
4
+5V or 3.3V (Outputs)
GND
Input
1
Ground
VSSQ
Input
4
Ground (Outputs)
CLK
Input
1
Clock
A15 – A0
Input
16
Address
ADSP
Input
1
Address Strobe from Processor
ADSC
Input
1
Address Strobe from Cache Controller
WH
Input
1
Write Enable – High Byte
WL
Input
1
Write Enable – Low Byte
ADV
Input
1
Advance
OE
Input
1
Output Enable
CS
Input
1
Chip Select
DQ15–DQ0
Input/Output
16
Regular Data
DP1–DP0
Input/Output
2
Parity Data


Similar Part No. - CY7C1031-12JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1034DV33 CYPRESS-CY7C1034DV33 Datasheet
300Kb / 8P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33 CYPRESS-CY7C1034DV33 Datasheet
443Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-10BGXI CYPRESS-CY7C1034DV33-10BGXI Datasheet
398Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-8BGXC CYPRESS-CY7C1034DV33-8BGXC Datasheet
300Kb / 8P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-8BGXC CYPRESS-CY7C1034DV33-8BGXC Datasheet
443Kb / 9P
   6-Mbit (256K X 24) Static RAM
More results

Similar Description - CY7C1031-12JC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C179 CYPRESS-CY7C179 Datasheet
1Mb / 12P
   32K x 18 Synchronous Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com