Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24FC256KI Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT24FC256KI
Description  256K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC256KI Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24FC256KI Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC256KI Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC256KI Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC256KI Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC256KI Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC256KI Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC256KI Datasheet HTML 10Page - Catalyst Semiconductor CAT24FC256KI Datasheet HTML 11Page - Catalyst Semiconductor CAT24FC256KI Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT24FC256
10
Doc. No. 1040, Rev. J
Notes:
1.
Complies with JEDEC publication 95 MS-012 dimensions; however, some dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
3.
Lead coplanarity is 0.004" (0.102mm) maximum.
8-LEAD 150 MIL WIDE SOIC (J, W)
0.149 (3.80)
0.1574 (4.00)
0.2284 (5.80)
0.2440 (6.20)
0.0532 (1.35)
0.0688 (1.75)
0.0040 (0.10)
0.0098 (0.25)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0.0099 (0.25)
0.0196 (0.50)
0.0075 (0.19)
0.0098 (0.25)
0.016 (0.40)
0.050 (1.27)
0˚-8˚
X 45
˚
0.1890 (4.80)
0.1968 (5.00)
8-LEAD 250 MIL WIDE SOIC (K, X)
0.0267 (0.68)
0.0137 (0.35)
0.0177 (0.45)
0.205 (5.20)
0.213 (5.40)
0.303 (7.70)
0.318 (8.10)
0.080 (2.03)
MAX
0.008 (0.20)
0.025 (0.65)
4˚ REF
0.205 (5.15)
0.210 (5.35)
0.0303 (0.77)
0.046 (1.17)
0.054 (1.37)
Notes:
1.
All linear dimensions are in inches and parenthetically in millimeters.
2.
Lead coplanarity is 0.004" (0.102mm) maximum.


Similar Part No. - CAT24FC256KI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC256KI-1.8TE13 CATALYST-CAT24FC256KI-1.8TE13 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256KITE13 CATALYST-CAT24FC256KITE13 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC256KI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com