Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA16834 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TDA16834
Description  Off-line SMPS Controller with 600 V Sense CoolMOS on Board
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16834 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TDA16834 Datasheet HTML 7Page - Infineon Technologies AG TDA16834 Datasheet HTML 8Page - Infineon Technologies AG TDA16834 Datasheet HTML 9Page - Infineon Technologies AG TDA16834 Datasheet HTML 10Page - Infineon Technologies AG TDA16834 Datasheet HTML 11Page - Infineon Technologies AG TDA16834 Datasheet HTML 12Page - Infineon Technologies AG TDA16834 Datasheet HTML 13Page - Infineon Technologies AG TDA16834 Datasheet HTML 14Page - Infineon Technologies AG TDA16834 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TDA 16831-4
Data Sheet
11
1999-12-10
Supply Section
-25 °C <
T
j < 120 °C, VCC = 15 V
Parameter
Symbol
Limit Values
Unit Test Conditions
min. typ.
max.
Quiescent Current
Supply Current Active
Supply Current Active
Supply Current Active
I
CCL
I
CCHA
I
CCHA
I
CCHA
25
4.5
6
7
80
6
7.5
8.5
µA
mA
mA
mA
TDA 16831/2/G
TDA 16833/G
TDA 16834
V
CC Turn-On Threshold
V
CC Turn-Off Threshold
V
CC Turn-On/Off Hysteresis
V
CC Zener Clamp
V
CCH
V
CCL
V
CCHY
V
Z
8.5
16
12
9
3
17.5
12.5
19
V
V
V
V
Controller Thermal Shutdown
Thermal Hysteresis
T
jSD
T
jHy
120
135
2
150
°C
°C
TDA 16831/2/3/G/4
Oscillator Section
-25 °C <
T
j < 120 °C, VCC = 15 V
Parameter
Symbol
Limit Values
Unit Test Conditions
min. typ.
max.
Accuracy
f
90
100
110
kHz
Temperature Coefficient
TK f
1000
ppm/°C


Similar Part No. - TDA16834

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16822 INFINEON-TDA16822 Datasheet
240Kb / 14P
   Off-Line SMPS Current Mode Controller
V2.0, 11 April 2000
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
TDA16846 INFINEON-TDA16846 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846-2 INFINEON-TDA16846-2 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846G INFINEON-TDA16846G Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
More results

Similar Description - TDA16834

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565_11 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com