Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF-U812RD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BF-U812RD
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BF-U812RD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BF-U812RD Datasheet HTML 1Page - List of Unclassifed Manufacturers BF-U812RD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BS-A551RD
BS-C551RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.0
BS-A555RD
BS-C555RD
BS-A555RE
BS-C555RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A552RD
BS-C552RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BS-A553RD
BS-C553RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A554RD
BS-C554RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BS-A556RD
BS-C556RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.0
0.56"
Single-Digit
BS-A55DRD
BS-C55DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
8.0
SD-31
BS-A551RD-B
BS-C551RD-B
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.0
BS-A555RD-B
BS-C555RD-B
BS-A555RE-B
BS-C555RE-B
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A552RD-B
BS-C552RD-B
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BS-A553RD-B
BS-C553RD-B
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A554RD-B
BS-C554RD-B
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BS-A556RD-B
BS-C556RD-B
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.0
0.56"
Single-Digit
BS-A55DRD-B
BS-C55DRD-B
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
8.0
SD-32
BS-A601RD
BS-C601RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BS-A605RD
BS-C605RD
BS-A605RE
BS-C605RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A602RD
BS-C602RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BS-A603RD
BS-C603RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BS-A604RD
BS-C604RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BS-A606RD
BS-C606RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.0
0.60"
Single-Digit
BS-A60DRD
BS-C60DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
8.5
SD-33
BS-A811RD
BS-C811RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.3
BS-A815RD
BS-C815RD
BS-A815RE
BS-C815RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BS-A812RD
BS-C812RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.2
BS-A813RD
BS-C813RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.2
GaAsP/GaP/ Hi-Eff.Red
BS-A814RD
BS-C814RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.2
BS-A816RD
BS-C816RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.5
0.80"
Single-Digit
BS-A81FRD
BS-C81FRD
GaAlAs/ DDH Super Red
660
20
80
30
150
2.0
2.5
12.5
SD-34
BF-U811RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.3
BF-U815RD
BF-U815RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BF-U812RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.2
BF-U813RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.2
GaAsP/GaP/ Hi-Eff.Red
BF-U814RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.2
BF-U816RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.5
0.80" Overflow
Single-Digit
BF-U81DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
9.0
SD-35
BS-A821RD
BS-C821RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.3
BS-A825RD
BS-C825RD
BS-A825RE
BS-C825RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BS-A822RD
BS-C822RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.2
BS-A823RD
BS-C823RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.2
GaAsP/GaP/ Hi-Eff.Red
BS-A824RD
BS-C824RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.2
BS-A826RD
BS-C826RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.5
0.80"
Alpha-Numeric
Single-Digit
BS-A82DRD
BS-C82DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
9.0
SD-36
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BF-U812RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BF-U401RD YSTONE-BF-U401RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-U402RD YSTONE-BF-U402RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-U403RD YSTONE-BF-U403RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-U404RD YSTONE-BF-U404RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-U405RD YSTONE-BF-U405RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BF-U812RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com