Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-C346RD-A Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BS-C346RD-A
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BS-C346RD-A Datasheet(HTML) 1 Page - Yellow Stone Corp

  BS-C346RD-A Datasheet HTML 1Page - Yellow Stone Corp BS-C346RD-A Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BF-A321RD
BF-C321RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.6
BF-A325RD
BF-C325RD
BF-A325RE
BF-C325RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BF-A322RD
BF-C322RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BF-A323RD
BF-C323RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BF-A324RD
BF-C324RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BF-A326RD
BF-C326RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
6.0
0.36"
Overflow
Single-Digit
BF-A32DRD
BF-C32DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.0
SD-13
BS-A341RD
BS-C341RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.6
BS-A345RD
BS-C345RD
BS-A345RE
BS-C345RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BS-A342RD
BS-C342RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BS-A343RD
BS-C343RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A344RD
BS-C344RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BS-A346RD
BS-C346RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
6.0
BS-A34DRD
BS-C34DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.0
SD-14
BS-A341RD-A
BS-C341RD-A
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.6
BS-A345RD-A
BS-C345RD-A
BS-A345RE-A
BS-C345RE-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BS-A342RD-A
BS-C342RD-A
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BS-A343RD-A
BS-C343RD-A
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A344RD-A
BS-C344RD-A
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BS-A346RD-A
BS-C346RD-A
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
6.0
0.39"
Single-Digit
BS-A34DRD-A
BS-C34DRD-A
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.0
SD-15
BS-A311RD-B
BS-C311RD-B
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.6
BS-A315RD-B
BS-C315RD-B
BS-A315RE-B
BS-C315RE-B
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BS-A312RD-B
BS-C312RD-B
GaP/ Green
568
30
80
30
150 2.2
2.5
2.8
BS-A313RD-B
BS-C313RD-B
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.2
GaAsP/GaP/ Hi-Eff.Red
BS-A314RD-B
BS-C314RD-B
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
2.8
BS-A316RD-B
BS-C316RD-B
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
5.0
0.39"
Alpha-Numeric
Displays
BS-A31DRD-B
BS-C31DRD-B
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
10.0
SD-16
BS-A401RD
BS-C401RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.6
BS-A405RD
BS-C405RD
BS-A405RE
BS-C405RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BS-A402RD
BS-C402RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BS-A403RD
BS-C403RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A404RD
BS-C404RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BS-A406RD
BS-C406RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
6.0
0.40"
Single-Digit
BS-A40DRD
BS-C40DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.0
SD-17
BF-U401RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.6
BF-U405RD
BF-U405RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BF-U402RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BF-U403RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BF-U404RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BF-U406RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
6.0
0.40"
Overflow
Single-Digit
BF-U40DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.0
SD-18
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-C346RD-A

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C346RD BRIGHT-BS-C346RD Datasheet
146Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
More results

Similar Description - BS-C346RD-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com