Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D7105-4 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3D7105-4
Description  MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7105-4 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3D7105-4 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7105-4 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7105-4 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7105-4 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3D7105
Doc #96006
DATA DELAY DEVICES, INC.
1
12/2/96
3 Mt. Prospect Ave. Clifton, NJ 07013
MONOLITHIC 5-TAP
FIXED DELAY LINE
(SERIES 3D7105)
FEATURES
PACKAGES
All-silicon, low-power CMOS
technology
TTL/CMOS compatible
inputs and outputs
Vapor phase, IR and wave
solderable
Auto-insertable (DIP pkg.)
Low ground bounce noise
Leading- and trailing-edge accuracy
Delay range: .75 through 80ns
Delay tolerance: 5% or 1ns
Temperature stability:
±3% typical (0C-70C)
Vdd stability:
±1% typical (4.75V-5.25V)
Minimum input pulse width: 30% of total delay
14-pin DIP and 16-pin SOIC available as drop-in
replacements for hybrid delay lines
FUNCTIONAL DESCRIPTION
The 3D7105 5-Tap Delay Line product family consists of fixed-delay
CMOS integrated circuits. Each package contains a single delay line,
tapped and buffered at 5 points spaced uniformly in time. Tap-to-tap
(incremental) delay values can range from 0.75ns through 8.0ns. The
input is reproduced at the outputs without inversion, shifted in time as per
the user-specified dash number. The 3D7105 is TTL- and CMOS-
compatible, capable of driving ten 74LS-type loads, and features both
rising- and falling-edge accuracy.
The all-CMOS 3D7105 integrated circuit has been designed as a reliable,
economic alternative to hybrid TTL fixed delay lines. It is offered in a standard 8-pin auto-insertable DIP
and a space saving surface mount 8-pin SOIC.
data
delay
devices, inc.
®
®
3
1
2
3
4
8
7
6
5
IN
O2
O4
GND
VDD
O1
O3
O5
3D7105Z
SOIC
(150 Mil)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN
N/C
N/C
O2
N/C
O4
N/C
GND
VDD
N/C
N/C
O1
N/C
O3
N/C
O5
3D7105S SOIC
(300 Mil)
8
7
6
5
1
2
3
4
IN
O2
O4
GND
VDD
O1
O3
O5
3D7105M DIP
3D7105H Gull-Wing
(300 Mil)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN
N/C
N/C
O2
N/C
O4
GND
VDD
N/C
O1
N/C
O3
N/C
O5
3D7105
DIP
3D7105G Gull-Wing
3D7105K Unused pins
removed
(300 Mil)
PIN DESCRIPTIONS
IN
Delay Line Input
O1
Tap 1 Output (20%)
O2
Tap 2 Output (40%)
O3
Tap 3 Output (60%)
O4
Tap 4 Output (80%)
O5
Tap 5 Output (100%)
VCC
+5 Volts
GND Ground
N/C
No Connection
TABLE 1: PART NUMBER SPECIFICATIONS
PART NUMBER
TOLERANCES
INPUT RESTRICTIONS
DIP-8
3D7105M
3D7105H
SOIC-8
3D7105Z
DIP-14
3D7105
3D7105G
3D7105K
SOIC-16
3D7105S
TOTAL
DELAY (ns)
TAP-TAP
DELAY
(ns)
Max
Operating
Frequency
Absolute
Max
Oper. Freq.
Min
Operating
Pulse Width
Absolute
Min
Oper. P.W.
-.75
-.75
-.75
-.75
3.0
± 1.0*
0.75
± 0.4
41.7 MHz
166.7 MHz
12.0 ns
3.00 ns
-1
-1
-1
-1
4.0
± 1.0*
1.0
± 0.5
37.0 MHz
166.7 MHz
13.5 ns
3.00 ns
-1.5
-1.5
-1.5
-1.5
6.0
± 1.0*
1.5
± 0.7
30.3 MHz
166.7 MHz
16.5 ns
3.00 ns
-2
-2
-2
-2
8.0
± 1.0*
2.0
± 0.8
25.6 MHz
166.7 MHz
19.5 ns
3.00 ns
-2.5
-2.5
-2.5
-2.5
10.0
± 1.0*
2.5
± 1.0
22.2 MHz
133.3 MHz
22.5 ns
3.75 ns
-4
-4
-4
-4
16.0
± 1.0*
4.0
± 1.3
15.9 MHz
83.3 MHz
31.5 ns
6.00 ns
-5
-5
-5
-5
25.0
± 1.3
5.0
± 1.5
13.3 MHz
66.7 MHz
37.5 ns
7.50 ns
-8
-8
-8
-8
40.0
± 2.0
8.0
± 1.5
9.52 MHz
41.7 MHz
52.5 ns
12.0 ns
* Total delay referenced to Tap1 output; Input-to-Tap1 = 5.0ns
±± 1.0ns
NOTE:
Any dash number between .75 and 8 not shown is also available.
©
©1996 Data Delay Devices


Similar Part No. - 3D7105-4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7110 DATADELAY-3D7110 Datasheet
233Kb / 5P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
3D7110-.75 DATADELAY-3D7110-.75 Datasheet
233Kb / 5P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
3D7110-1 DATADELAY-3D7110-1 Datasheet
233Kb / 5P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
3D7110-1.5 DATADELAY-3D7110-1.5 Datasheet
233Kb / 5P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
3D7110-2 DATADELAY-3D7110-2 Datasheet
233Kb / 5P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
More results

Similar Description - 3D7105-4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225 Datasheet
241Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
3D7225 DATADELAY-3D7225 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7225)
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D7215 DATADELAY-3D7215 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
3D7110 DATADELAY-3D7110 Datasheet
233Kb / 5P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
3D7010 DATADELAY-3D7010 Datasheet
253Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7010)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com