Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC04-14YWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # DC04-14YWA
Description  10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DC04-14YWA Datasheet(HTML) 2 Page - Kingbright Corporation

  DC04-14YWA Datasheet HTML 1Page - Kingbright Corporation DC04-14YWA Datasheet HTML 2Page - Kingbright Corporation DC04-14YWA Datasheet HTML 3Page - Kingbright Corporation DC04-14YWA Datasheet HTML 4Page - Kingbright Corporation DC04-14YWA Datasheet HTML 5Page - Kingbright Corporation DC04-14YWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7-D04-2
Package Dimensions & Internal Circuit Diagram
Selection Guide
Part No.
Dice
Iv (ucd)
@ 10 mA
Description
Min.
Max.
DA04-11HWA
DA04-14HWA
BRIGHT RED (GaP)
560
1400
Common Anode
DC04-11HWA
DC04-14HWA
Common Cathode
DA04-11EWA
DA04-14EWA
HIGH EFFICIENCY RED (GaAsP/GaP)
2200
5600
Common Anode
DC04-11EWA
DC04-14EWA
Common Cathode
DA04-11GWA
DA04-14GWA
GREEN (GaP)
2200
5600
Common Anode
DC04-11GWA
DC04-14GWA
Common Cathode
DA04-11YWA
DA04-14YWA
YELLOW (GaAsP/GaP)
2200
5600
Common Anode
DC04-11YWA
DC04-14YWA
Common Cathode
DA04-11SRWA
DA04-14SRWA
SUPER BRIGHT RED (GaAlAs)
3600
9000
Common Anode
DC04-11SRWA
DC04-14SRWA
Common Cathode


Similar Part No. - DC04-14YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC04-11CGKWA KINGBRIGHT-DC04-11CGKWA Datasheet
367Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11EWA KINGBRIGHT-DC04-11EWA Datasheet
154Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11GWA KINGBRIGHT-DC04-11GWA Datasheet
178Kb / 4P
   10mm (0.394INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11PBWA-A KINGBRIGHT-DC04-11PBWA-A Datasheet
159Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11PBWA/A KINGBRIGHT-DC04-11PBWA/A Datasheet
159Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
More results

Similar Description - DC04-14YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DA04-11SYKWA KINGBRIGHT-DA04-11SYKWA Datasheet
354Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11SYKWA KINGBRIGHT-DC04-11SYKWA Datasheet
367Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11CGKWA KINGBRIGHT-DA04-11CGKWA Datasheet
355Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11PBWA-A KINGBRIGHT-DC04-11PBWA-A Datasheet
159Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11YWA KINGBRIGHT-DC04-11YWA Datasheet
154Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11SRWA KINGBRIGHT-DC04-11SRWA Datasheet
152Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11SURKWA KINGBRIGHT-DA04-11SURKWA Datasheet
356Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11CGKWA KINGBRIGHT-DC04-11CGKWA Datasheet
367Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11GWA KINGBRIGHT-DA04-11GWA Datasheet
154Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11SRWA KINGBRIGHT-DA04-11SRWA Datasheet
153Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com