Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDL620 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IDL620
Description  Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IDL620 Datasheet(HTML) 2 Page - Vishay Siliconix

  IDL620 Datasheet HTML 1Page - Vishay Siliconix IDL620 Datasheet HTML 2Page - Vishay Siliconix IDL620 Datasheet HTML 3Page - Vishay Siliconix IDL620 Datasheet HTML 4Page - Vishay Siliconix IDL620 Datasheet HTML 5Page - Vishay Siliconix IDL620 Datasheet HTML 6Page - Vishay Siliconix IDL620 Datasheet HTML 7Page - Vishay Siliconix IDL620 Datasheet HTML 8Page - Vishay Siliconix IDL620 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 83653
Rev. 1.3, 26-Apr-04
VISHAY
ILD620/ 620GB / ILQ620/ 620GB
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Forward current
IF
± 60
mA
Surge current
IFSM
± 1.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.3
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter breakdown
voltage
BVCEO
70
V
Collector current
IC
50
mA
t < 1.0 sec:
IC
100
mA
Power dissipation
Pdiss
150
mW
Derate from 25 °C
2.0
mW/°C
Parameter
Test condition
Part
Symbol
Value
Unit
Isolation test voltage
t = 1.0 sec.
VISO
5300
VRMS
Package dissipation
ILD620
400
mW
ILD620GB
400
mW
Derate from 25 °C
5.33
mW/°C
Package dissipation
ILQ620
500
mW
ILQ620GB
500
mW
Derate from 25 °C
6.67
mW/°C
Creepage
≥ 7.0
mm
Clearance
≥ 7.0
mm
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature
2.0 mm from case bottom
Tsld
260
°C


Similar Part No. - IDL620

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IDL00740 ITF-IDL00740 Datasheet
126Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
IDL00741 ITF-IDL00741 Datasheet
262Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
logo
Infineon Technologies A...
IDL02G65C5 INFINEON-IDL02G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
IDL02G65C5 INFINEON-IDL02G65C5 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL02G65C5 INFINEON-IDL02G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
More results

Similar Description - IDL620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET2600 VISHAY-TCET2600_07 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Rev. 1.5, 07-Dec-07
ILD620 VISHAY-ILD620_V02 Datasheet
183Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
01-Jan-2023
ILD620 VISHAY-ILD620_V01 Datasheet
183Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
01-Jan-2022
ILD620GB-X009T VISHAY-ILD620GB-X009T Datasheet
181Kb / 9P
   Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
Rev. 1.8, 12-Apr-13
TCET4600 VISHAY-TCET4600_V01 Datasheet
170Kb / 8P
   Optocoupler, Phototransistor Output, AC Input (Quad Channel)
01-Jan-2023
TCET4600 VISHAY-TCET4600 Datasheet
170Kb / 8P
   Optocoupler, Phototransistor Output, AC Input (Quad Channel)
01-Jan-2022
ILD256T VISHAY-ILD256T_V01 Datasheet
551Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel, AC Input
01-Jan-2022
ILD256T VISHAY-ILD256T_V02 Datasheet
551Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel, AC Input
01-Jan-2023
ILD256T VISHAY-ILD256T Datasheet
125Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel, AC Input
Rev. 1.6, 20-Apr-07
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com