Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM812LEUS-T Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM812LEUS-T
Description  4 Pin P Voltage Supervisor with Manual Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM812LEUS-T Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM812LEUS-T Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM812LEUS-T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM812LEUS-T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM812LEUS-T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM812LEUS-T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM812LEUS-T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM812LEUS-T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM812LEUS-T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM812LEUS-T Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ASM811, ASM812
5 of 10
Notice: The information in this document is subject to change without notice
4 Pin µP Voltage Supervisor with Manual Reset
October 2003
rev 1.0
Electrical Characteristics:
Unless otherwise noted, VCC is over the full voltage range, TA = -40°C to 105°C.
Typical values at TA = 25°C, VCC = 5V for L/M/J devices, VCC = 3.3V for T/S devices and VCC = 3V for R devices.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Input Voltage Range
TA = 0°C to 70°C
TA = -40°C to 105°C
1.1
1.2
5.5
5.5
V
V
ICC
Supply Current (Unloaded)
TA= -40°C to 85°C
TA = -40°C to 85°C
TA = 85°C to 105°C
TA = 85°C to 105°C
VCC < 5.5V, L/M/J
VCC < 3.6V, R/S/T
VCC < 5.5V, L/M/J
VCC < 3.6V, R/S/T
9
6.8
15
10
25
20
µA
VTH
Reset Threshold
L devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
4.56
4.50
4.40
4.63
4.70
4.75
4.86
V
M devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
4.31
4.25
4.16
4.38
4.45
4.50
4.56
J devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
3.93
3.89
3.80
4.00
4.06
4.10
4.20
T devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
3.04
3.00
2.92
3.08
3.11
3.15
3.23
S devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
2.89
2.85
2.78
2.93
2.96
3.00
3.08
R devices
TA = 25°C
TA = -40°C to 85°C
TA = 85°C to 105°C
2.59
2.55
2.50
2.63
2.66
2.70
2.76
TCVTH
Reset Threshold Temp.
Coefficient
30
ppm/°C
VCC to Reset Delay
VCC = VTH to (VTH - 125mV),
60
µs
Reset Active Timeout Period
TA = 0°C to 70°C
140
100
240
560
840
ms
TA = -40°C to 105°C
tMR
MR Minimum Pulse Width
10
µs
Notes:
1. Production testing done at TA = 25°C. Over-temperature specifications guaranteed by design only using six sigma design limits.
2. RESET output is active LOW for the ASM811 and RESET output is active HIGH for the ASM812.
3. Glitches of 100ns or less typically will not generate a reset pulse.


Similar Part No. - ASM812LEUS-T

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM810 ALSC-ASM810 Datasheet
220Kb / 10P
   3 Pin Microcontroller Power Supply Supervisor
ASM810JEUR-T ALSC-ASM810JEUR-T Datasheet
220Kb / 10P
   3 Pin Microcontroller Power Supply Supervisor
ASM810LEUR-T ALSC-ASM810LEUR-T Datasheet
220Kb / 10P
   3 Pin Microcontroller Power Supply Supervisor
ASM810MEUR-T ALSC-ASM810MEUR-T Datasheet
220Kb / 10P
   3 Pin Microcontroller Power Supply Supervisor
ASM810REUR-T ALSC-ASM810REUR-T Datasheet
220Kb / 10P
   3 Pin Microcontroller Power Supply Supervisor
More results

Similar Description - ASM812LEUS-T

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
   4-pin 關P Voltage Supervisor with Manual Reset
logo
PulseCore Semiconductor
PCS811 PULSECORE-PCS811 Datasheet
456Kb / 8P
   5-Pin 關P Voltage Supervisor with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com