Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS19371CX6 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19371CX6
Description  Inherently Matched LED Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371CX6 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19371CX6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371CX6 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS19371CX6
Taiwan Semiconductor
1
Version: J1708
Boost (Step-up) WLED Driver with OVP
DESCRIPTION
The
TS19371
is
a
step-up
DC/DC
converter
specifically designed to drive white LEDs with a
constant current. The device can drive up to 126 LEDs
(9S14P) from a 12V supply. The output capacitor can
be as small as 4.7µF, saving space versus alternative
solutions. A low 95mV feedback voltage minimizes
power loss for better efficiency. Additional feature
include over output voltage limiting when LEDs are
disconnected. The TS19371 switches at a fixed
frequency of 1.2MHz, allowing the use of tiny, low
profile inductors and capacitors to minimize footprint
and cost in space consideration applications for
cellular
phone
backlighting
or
other
hand
held
equipment.
FEATURES
● Inherently Matched LED Current
● High Efficiency: 89% Typical
● Drives Up to 9 LEDs Series @ Vin 9~15V
● Drives Up to 126 LEDs (9S14P) @ Vin 12~15V
● Drives Up to 6 (1W) LEDs Series @ Vin 12V
● Over Output Voltage Protection 30V
● Fast 1.2MHz Switching Frequency
● Requires Only 4.7µF Output Capacitor
● PWM Dimming Control 1kHz to 10kHz
● Analog Dimming Control
● Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC.
● Halogen-Free according to IEC 61249-2-21
APPLICATION
● Cellular Phones
● Portable Electronics Devices PDA, GPS
● LCD Display Module
● White LED Backlighting
● MR-16 Lighting
SOT-26
Pin Definition:
1. SW
2. GND
3. FB
4. CTRL
5. OVP
6. VIN
Notes: MSL 1 (Moisture Sensitivity Level) per J-STD-020
TYPICAL APPLICATION CIRCUIT


Similar Part No. - TS19371CX6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371CX6RF TSC-TS19371CX6RF Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RFG TSC-TS19371CX6RFG Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Similar Description - TS19371CX6

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5109G-AG6-R UTC-L5109G-AG6-R Datasheet
190Kb / 4P
   Inherently Uniform LED Current
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TT Electronics.
LOB TTELEC-LOB Datasheet
531Kb / 3P
   Inherently non-inductive
logo
Wabash Transformer Inc.
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
   Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Vishay Siliconix
TLMT3100 VISHAY-TLMT3100 Datasheet
78Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com