Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK0665 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SK0665
Description  Silicon MOS FETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK0665 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK0665 Datasheet HTML 1Page - Panasonic Semiconductor 2SK0665 Datasheet HTML 2Page - Panasonic Semiconductor 2SK0665 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
292
Silicon MOS FETs (Small Signal)
PD  Ta
ID  VDS
ID  VGS
| Yfs |  VGS
Ciss, Coss  VDS
RDS(on)  VGS
VIN  IO
2SK0665
0
160
40
120
80
140
20
100
60
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
010
8
26
4
0
120
100
80
60
40
20
Ta=25˚C
5.5V
5.0V
4.0V
3.0V
4.5V
3.5V
V
GS=6.0V
Drain to source voltage V
DS
(V)
010
8
26
4
0
120
100
80
60
40
20
V
DS=5V
Ta=–25˚C
25˚C
75˚C
Gate to source voltage V
GS
(V)
010
8
26
4
0
50
40
30
20
10
V
DS=5V
Ta=25˚C
Gate to source voltage V
GS
(V)
0.1
1
10
100
0.3
3
30
0
12
10
8
6
4
2
V
GS=0
f=1MHz
Ta=25˚C
C
iss
C
oss
Drain to source voltage V
DS
(V)
010
8
26
4
0
120
100
80
60
40
20
Ta=75˚C
25˚C
–25˚C
I
D=20mA
Gate to source voltage V
GS
(V)
0.1
1
10
100
0.3
3
30
0.1
0.3
1
3
10
30
100
300
1000
V
O=1V
Ta=25˚C
Output current I
O
(mA)


Similar Part No. - 2SK0665

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK0662 PANASONIC-2SK0662 Datasheet
84Kb / 3P
   Silicon N-Channel Junction FET
2SK0663 PANASONIC-2SK0663 Datasheet
73Kb / 3P
   For Low-Frequency Amplification
2SK0664 PANASONIC-2SK0664 Datasheet
76Kb / 3P
   For Switching
logo
VBsemi Electronics Co.,...
2SK0664 VBSEMI-2SK0664 Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - 2SK0665

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF998 PHILIPS-BF998 Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
BF901 PHILIPS-BF901 Datasheet
46Kb / 7P
   Silicon n-channel dual gate MOS-FETs
November 1992
logo
Quanzhou Jinmei Electro...
BF998_2015 JMNIC-BF998_2015 Datasheet
85Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF908 PHILIPS-BF908 Datasheet
87Kb / 8P
   Dual-gate MOS-FETs
1996 Jul 30
BF908 NXP-BF908 Datasheet
258Kb / 9P
   Dual-gate MOS-FETs
Rev. 03-14 November 2007
BF1100 PHILIPS-BF1100 Datasheet
159Kb / 14P
   Dual-gate MOS-FETs
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF1100 JMNIC-BF1100_15 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
BF1100_2015 JMNIC-BF1100_2015 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1100 NXP-BF1100 Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com