Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7907-55AIE Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK7907-55AIE
Description  TrenchPLUS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7907-55AIE Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7907-55AIE Datasheet HTML 1Page - NXP Semiconductors BUK7907-55AIE Datasheet HTML 2Page - NXP Semiconductors BUK7907-55AIE Datasheet HTML 3Page - NXP Semiconductors BUK7907-55AIE Datasheet HTML 4Page - NXP Semiconductors BUK7907-55AIE Datasheet HTML 5Page - NXP Semiconductors BUK7907-55AIE Datasheet HTML 6Page - NXP Semiconductors BUK7907-55AIE Datasheet HTML 7Page - NXP Semiconductors BUK7907-55AIE Datasheet HTML 8Page - NXP Semiconductors BUK7907-55AIE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Philips Semiconductors
BUK71/7907-55AIE
TrenchPLUS standard level FET
Product data
Rev. 01 — 12 August 2002
3 of 15
9397 750 09877
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
VGS ≥ 10 V
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature.
Fig 2.
Continuous drain current as a function of
mounting base temperature.
Tmb =25 °C; IDM single pulse.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03na19
0
40
80
120
0
50
100
150
200
Tmb
(°C)
Pder
(%)
03ni63
0
40
80
120
160
0
50
100
150
200
Capped at 75A due to package
Tmb (°C)
ID
(A)
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
03nf55
1
10
102
103
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
Limit RDSon = VDS/ID
1 ms
tp = 10 µs
100
µs
Capped at 75 A due to package


Similar Part No. - BUK7907-55AIE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7907-55AIE NXP-BUK7907-55AIE Datasheet
217Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02-9 February 2009
logo
Nexperia B.V. All right...
BUK7907-55AIE NEXPERIA-BUK7907-55AIE Datasheet
716Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 9 February 2009
logo
NXP Semiconductors
BUK7907-55AIE PHILIPS-BUK7907-55AIE_15 Datasheet
217Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02-9 February 2009
More results

Similar Description - BUK7907-55AIE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7105-40AIE PHILIPS-BUK7105-40AIE Datasheet
143Kb / 16P
   TrenchPLUS standard level FET
Rev. 04-6 February 2004
BUK7107-40ATC PHILIPS-BUK7107-40ATC Datasheet
322Kb / 16P
   TrenchPLUS standard level FET
Rev. 01-9 August 2002
logo
Guangdong Kexin Industr...
KUK7105-40AIE KEXIN-KUK7105-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
KUK7105-40ATE KEXIN-KUK7105-40ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7C08-55AITE PHILIPS-BUK7C08-55AITE Datasheet
313Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-19 August 2003
BUK7L11-34ARC PHILIPS-BUK7L11-34ARC Datasheet
108Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7108-40AIE PHILIPS-BUK7108-40AIE Datasheet
332Kb / 16P
   TrenchPLUS standard level FET
Rev. 02-24 October 2003
logo
Guangdong Kexin Industr...
KUK7107-55ATE KEXIN-KUK7107-55ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7107-55AIE KEXIN-KUK7107-55AIE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7108-40AIE KEXIN-KUK7108-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com