Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7107-55AIE Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK7107-55AIE
Description  TrenchPLUS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7107-55AIE Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK7107-55AIE Datasheet HTML 3Page - NXP Semiconductors BUK7107-55AIE Datasheet HTML 4Page - NXP Semiconductors BUK7107-55AIE Datasheet HTML 5Page - NXP Semiconductors BUK7107-55AIE Datasheet HTML 6Page - NXP Semiconductors BUK7107-55AIE Datasheet HTML 7Page - NXP Semiconductors BUK7107-55AIE Datasheet HTML 8Page - NXP Semiconductors BUK7107-55AIE Datasheet HTML 9Page - NXP Semiconductors BUK7107-55AIE Datasheet HTML 10Page - NXP Semiconductors BUK7107-55AIE Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
BUK71/7907-55AIE
TrenchPLUS standard level FET
Product data
Rev. 01 — 12 August 2002
7 of 15
9397 750 09877
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Tj =25 °C; tp = 300 µsTj =25 °C; ID =50A
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Drain-source on-state resistance as a function
of gate-source voltage; typical values.
Tj =25 °C; tp = 300 µs
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03ni65
0
100
200
300
400
02468
10
VDS (V)
(A)
4.5
5.5
6.5
7.5
20
12
7
6
8
VGS (V) =
4
8.5
10
ID
03ni66
4
5
6
7
8
5
101520
VGS (V)
RDSon
(m
Ω)
03ni67
0
2
4
6
8
10
12
0
20
40
60
80
100
120
ID (A)
RDSon
(m
Ω)
7
8
6
10
6.5
VGS (V) = 5.5
03ne89
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (°C)
a
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=


Similar Part No. - BUK7107-55AIE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7107-55AIE NXP-BUK7107-55AIE Datasheet
224Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7107-55AIE NEXPERIA-BUK7107-55AIE Datasheet
338Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
logo
NXP Semiconductors
BUK7107-55AIE NXP-BUK7107-55AIE_09 Datasheet
224Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
BUK7107-55AIE PHILIPS-BUK7107-55AIE_15 Datasheet
224Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results

Similar Description - BUK7107-55AIE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7105-40AIE PHILIPS-BUK7105-40AIE Datasheet
143Kb / 16P
   TrenchPLUS standard level FET
Rev. 04-6 February 2004
BUK7107-40ATC PHILIPS-BUK7107-40ATC Datasheet
322Kb / 16P
   TrenchPLUS standard level FET
Rev. 01-9 August 2002
logo
Guangdong Kexin Industr...
KUK7105-40AIE KEXIN-KUK7105-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
KUK7105-40ATE KEXIN-KUK7105-40ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7C08-55AITE PHILIPS-BUK7C08-55AITE Datasheet
313Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-19 August 2003
BUK7L11-34ARC PHILIPS-BUK7L11-34ARC Datasheet
108Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7108-40AIE PHILIPS-BUK7108-40AIE Datasheet
332Kb / 16P
   TrenchPLUS standard level FET
Rev. 02-24 October 2003
logo
Guangdong Kexin Industr...
KUK7107-55ATE KEXIN-KUK7107-55ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7107-55AIE KEXIN-KUK7107-55AIE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7108-40AIE KEXIN-KUK7108-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com