Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT131-600E Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BT131-600E
Description  Triacs logic level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT131-600E Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BT131-600E Datasheet HTML 4Page - NXP Semiconductors BT131-600E Datasheet HTML 5Page - NXP Semiconductors BT131-600E Datasheet HTML 6Page - NXP Semiconductors BT131-600E Datasheet HTML 7Page - NXP Semiconductors BT131-600E Datasheet HTML 8Page - NXP Semiconductors BT131-600E Datasheet HTML 9Page - NXP Semiconductors BT131-600E Datasheet HTML 10Page - NXP Semiconductors BT131-600E Datasheet HTML 11Page - NXP Semiconductors BT131-600E Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BT131_SER_8
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 08 — 9 September 2005
9 of 12
Philips Semiconductors
BT131 series
Triacs logic level
8.
Package outline
Fig 13. Package outline SOT54 (TO-92)
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max.
2.5
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43A
04-06-28
04-11-16
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - BT131-600E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BT131-600E ISC-BT131-600E Datasheet
117Kb / 1P
   With TO-92 package
logo
Kersemi Electronic Co.,...
BT131-600E KERSEMI-BT131-600E Datasheet
341Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
logo
WeEn Semiconductors
BT131-600E WEEN-BT131-600E Datasheet
361Kb / 13P
   4Q Triac
logo
DONGGUAN YOU FENG WEI E...
BT131-600E YFWDIODE-BT131-600E Datasheet
686Kb / 4P
   1A four-quadrant triac
More results

Similar Description - BT131-600E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
   Triacs logic level
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs logic level
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com