Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE244 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE244
Description  Silicon Complementary Transistors Darlington Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE244 Datasheet(HTML) 1 Page - NTE Electronics

  NTE244 Datasheet HTML 1Page - NTE Electronics NTE244 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE243 (NPN) & NTE244 (PNP)
Silicon Complementary Transistors
Darlington Power Amplifier
Description:
The NTE243 (NPN) and NTE244 (PNP) are silicon complementary Darlington transistors in a TO3
type case designed for general–purpose amplifier and low–frequency switching applications.
Features:
D High DC Current Gain: hFE = 3000 Typ @ IC = 4A
D Collector–Emitter Sustaining Voltage: VCEO(sus) = 80V Min @ 100mA
D Low Collector–Emitter Saturation Voltage:
VCE(sat) = 2V Max @ IC = 4A
= 3V Max @ IC = 8A
D Monolithic Construction with Built–In Base–Emitter Shunt Resistors
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCB
80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEB
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
8A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
16A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base Current, IB
120mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC = +25°C), PD
100W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
0.571W/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
1.78
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter SustainingVoltage
VCEO(sus) IC = 100mA, IB = 0, Note 1
80
V
Collector Cutoff Current
ICEO
VCE = 40V, IE = 0
0.5
mA
ICEX
VCE = 80V, VBE(off) = 1.5V
0.5
mA
VCE = 80V, VBE(off) = 1.5V, TA = +150°C
5.0
mA
Emitter Cutoff Current
IEBO
VBE = 5V, IC = 0
2.0
mA
Note 1. Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2%


Similar Part No. - NTE244

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE24 NTE-NTE24 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amplifier, Switch
NTE240 NTE-NTE240 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Video Amplifier
NTE2401 NTE-NTE2401 Datasheet
22Kb / 2P
   Silicon PNP Transistor RF Stages in FM Front Ends
NTE2402 NTE-NTE2402 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Low Noise, UHF/VHF Amplifier
NTE2403 NTE-NTE2403 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Low Noise, UHF/VHF Amplifier
More results

Similar Description - NTE244

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE251 NTE-NTE251 Datasheet
26Kb / 3P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE253 NTE-NTE253 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE261 NTE-NTE261 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE268 NTE-NTE268 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE245 NTE-NTE245 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE247 NTE-NTE247 Datasheet
26Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE249 NTE-NTE249 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE274 NTE-NTE274 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier, Switch
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com