Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGM1014 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGM1014
Description  MMIC wideband amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGM1014 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGM1014 Datasheet HTML 2Page - NXP Semiconductors BGM1014 Datasheet HTML 3Page - NXP Semiconductors BGM1014 Datasheet HTML 4Page - NXP Semiconductors BGM1014 Datasheet HTML 5Page - NXP Semiconductors BGM1014 Datasheet HTML 6Page - NXP Semiconductors BGM1014 Datasheet HTML 7Page - NXP Semiconductors BGM1014 Datasheet HTML 8Page - NXP Semiconductors BGM1014 Datasheet HTML 9Page - NXP Semiconductors BGM1014 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
9397 750 14499
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 March 2005
6 of 13
Philips Semiconductors
BGM1014
MMIC wideband amplifier
f = 1 GHz; Zo = 50 Ω
(1) VS = 5.5 V
(2) VS = 5 V
(3) VS = 4.5 V
f = 2.2 GHz; Zo = 50 Ω
(1) VS = 5.5 V
(2) VS = 5 V
(3) VS = 4.5 V
Fig 5.
Load power as a function of drive power at
1 GHz; typical values
Fig 6.
Load power as a function of drive power at
2.2 GHz; typical values
Zo = 50 Ω
(1) VS = 5.5 V
(2) VS = 5 V
(3) VS = 4.5 V
IS = 21.1 mA; VS = 5 V; Zo = 50 Ω
Fig 7.
Noise figure as a function of frequency; typical
values
Fig 8.
Stability factor as a function of frequency;
typical values
001aac493
PD (dBm)
−40
−10
−20
−30
5
10
0
15
20
PL
(dBm)
−5
(1)
(2)
(3)
PD (dBm)
−50
−10
−20
−40
−30
001aac494
−5
5
15
PL
(dBm)
−15
(1)
(2)
(3)
f (MHz)
0
2500
2000
1000
1500
500
001aac495
4
4.5
5
NF
(dB)
3.5
(1)
(2)
(3)
f (MHz)
0
4000
3000
1000
2000
001aac496
2
3
1
4
5
K
0


Similar Part No. - BGM1014

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGM1014 NXP-BGM1014 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGM1014

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2712 PHILIPS-BGA2712 Datasheet
83Kb / 12P
   MMIC wideband amplifier
2002 Sep 10
BGA2717 PHILIPS-BGA2717 Datasheet
86Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
BGM1011 PHILIPS-BGM1011 Datasheet
125Kb / 11P
   MMIC wideband amplifier
2002 Jan 14
BGM1012 PHILIPS-BGM1012 Datasheet
87Kb / 12P
   MMIC wideband amplifier
2002 Sep 06
BGA2850 NXP-BGA2850 Datasheet
560Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2816 NXP-BGA2816 Datasheet
249Kb / 18P
   MMIC wideband amplifier
Rev. 5-13 July 2015
BGA2714 PHILIPS-BGA2714 Datasheet
93Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2801 NXP-BGA2801 Datasheet
552Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2714 NXP-BGA2714 Datasheet
100Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2709 PHILIPS-BGA2709 Datasheet
86Kb / 12P
   MMIC wideband amplifier
2002 Aug 06
BGA2715 PHILIPS-BGA2715 Datasheet
88Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com