Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10C-10JI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF22V10C-10JI
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C-10JI Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF22V10C-10JI Datasheet HTML 1Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 2Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 3Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 4Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 5Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 6Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 7Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 8Page - ATMEL Corporation ATF22V10C-10JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
ATF22V10C(Q)
0735P–PLD–01/02
Notes:
1. Output data is latched and held.
2. High-Z outputs remain high-Z.
3. Clock and input transitions are ignored.
Input Test Waveforms and Measurement Levels
Commercial Output Test Loads
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Power-down AC Characteristics(1)(2)(3)
Symbol
Parameter
-5
-7
-10
-15
Units
Min
Max
Min
Max
Min
Max
Min
Max
tIVDH
Valid Input before PD High
5.0
7.5
10.0
15.0
ns
tGVDH
Valid OE before PD High
0
0
0
0
ns
t
CVDH
Valid Clock before PD High
0
0
0
ns
t
DHIX
Input Don’t Care after PD High
5.0
7.0
10.0
15.0
ns
t
DHGX
OE Don’t Care after PD High
5.0
7.0
10.0
15.0
ns
tDHCX
Clock Don’t Care after PD High
5.0
7.0
10.0
15.0
ns
tDLIV
PD Low to Valid Input
5.0
7.5
10.0
15.0
ns
tDLGV
PD Low to Valid OE
15.0
20.0
25.0
30.0
ns
t
DLCV
PD Low to Valid Clock
15.0
20.0
25.0
30.0
ns
t
DLOV
PD Low to Valid Output
20.0
25.0
30.0
35.0
ns
Pin Capacitance
f= 1 MHz,T = 25
°C(1)
Typ
Max
Units
Conditions
C
IN
58
pF
V
IN =0V
COUT
68
pF
VOUT =0V


Similar Part No. - ATF22V10C-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C-10JI ATMEL-ATF22V10C-10JI Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF22V10C-10JI ATMEL-ATF22V10C-10JI Datasheet
408Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF22V10C-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com