Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST11CP15 Datasheet(PDF) 14 Page - Microchip Technology

Part # SST11CP15
Description  4.9-5.9 GHz High-Linearity Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP15 Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST11CP15 Datasheet HTML 10Page - Microchip Technology SST11CP15 Datasheet HTML 11Page - Microchip Technology SST11CP15 Datasheet HTML 12Page - Microchip Technology SST11CP15 Datasheet HTML 13Page - Microchip Technology SST11CP15 Datasheet HTML 14Page - Microchip Technology SST11CP15 Datasheet HTML 15Page - Microchip Technology SST11CP15 Datasheet HTML 16Page - Microchip Technology SST11CP15 Datasheet HTML 17Page - Microchip Technology SST11CP15 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005016C
08/13
14
4.9-5.9 GHz High-Linearity Power Amplifier
SST11CP15
Data Sheet
Figure 13:Typical Application for High-Linearity 802.11a/n Application (VCC = 3.3V,
VREG=2.85V)
1428 F11.1
1
2
3
9
8
7
12
11
10
45
6
50
Ω
RFIN
50
Ω
35 mil from the edge of the package
0
Ω
105
Ω
DET
VREG
68
Ω
Test Conditions
VREG = 2.85V
VCC=VCCb=3.3V
0.7 pF
0.1
µF
0.1 pF
RFOUT
VCC
4.7
µF
0.1
µF
0.1
µF
200 pF
11CP15
2X2 12L UQFN
Top View
VCCb
0.1
µF
Note: The SST11CP15 has on-chip DC-blocking caps for RF ports


Similar Part No. - SST11CP15

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
More results

Similar Description - SST11CP15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11 SST-SST11LP11 Datasheet
482Kb / 14P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
   4.9-5.8 GHz High-Linearity Power Amplifier
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
   4.9-5.9 GHz 3W Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com