Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF89XA Datasheet(PDF) 64 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 64 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 60Page - Microchip Technology MRF89XA Datasheet HTML 61Page - Microchip Technology MRF89XA Datasheet HTML 62Page - Microchip Technology MRF89XA Datasheet HTML 63Page - Microchip Technology MRF89XA Datasheet HTML 64Page - Microchip Technology MRF89XA Datasheet HTML 65Page - Microchip Technology MRF89XA Datasheet HTML 66Page - Microchip Technology MRF89XA Datasheet HTML 67Page - Microchip Technology MRF89XA Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 140 page
background image
MRF89XA
DS70000622D-page 64
Preliminary
 2010-2017 Microchip Technology Inc.
3.4.6
CHANNEL FILTERS SETTING IN
OOK MODE
The center frequency, fo, is set to 100 kHz by default.
The chart in Figure 3-8 illustrates the receiver
bandwidth
when
the
BUTFILV<3:0>
bits
(FILCREG<3:0>) are changed when the polyphase
filter is activated.
Table A-2 suggests a few filter settings in OOK mode
along with the corresponding passive filter bandwidth,
and Table 4-2 specifies the accepted tolerance on the
crystal reference.
3.4.7
RECEIVED SIGNAL STRENGTH
(RSSI)
After filtering, the In-phase and Quadrature signals are
amplified by a chain of 11 amplifiers, each with 6 dB
gain. The outputs of these amplifiers are used to
evaluate the RSSI.
3.4.7.1
Resolution and Accuracy
When the RSSI resolution is 0.5 dB, the absolute
accuracy is not expected to be better than ±3 dB due to
process and external component variation. Higher
accuracy
while
performing
absolute
RSSI
measurements requires additional calibration.
FIGURE 3-8:
ACTUAL BW OF POLYPHASE FILTER
3.4.7.2
Acquisition Time
In OOK mode, the RSSI evaluates the signal strength
by sampling I(t) and Q(t) signals 16 times in each
period of the chosen IF2 frequency (refer to
Section 2.10.1, Receiver Architecture). In FSK
mode, the signals are sampled 16 times in each fdev
period, fdev being the frequency deviation of the
companion transmitter. An average is then performed
over a sliding window of 16 samples. Therefore, the
RSSI output register RSTSREG (RSSIVAL<7:0>) is
updated 16 times in each fdev or IF2 period.
The following settings are recommended:
• FSK Mode: Ensure that the fdev parameter (as
described in the FDEVREG register (Register 2-3)
through the FDVAL<7:0> bits)) remains consistent
with the actual frequency deviation of the
companion transmitter.
• OOK reception: Ensure that the fdev parameter (as
described in the FDEVREG register (Register 2-3)
through the FDVAL<7:0> bits)) is equal to the
frequency of the I(t) and Q(t) signals (that is, the
second Intermediate Frequency, IF2, of the
receiver). Note that, this IF2 equals fo, the center
frequency of the polyphase filter.
Polyphase Filter's BW, OOK
0
50
100
150
200
250
300
350
400
450
04
8
10
12
14
Val (BUTFILV<3:0>) [d]
POLCFV<3:0> = 0011
16
Actual
BW
Theoretical
BW
26


Similar Part No. - MRF89XA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF89XAM8A MICROCHIP-MRF89XAM8A Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
MRF89XAM8A-I/RM MICROCHIP-MRF89XAM8A-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8AT-I/RM MICROCHIP-MRF89XAM8AT-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
   915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
More results

Similar Description - MRF89XA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com