Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF89XA Datasheet(PDF) 61 Page - Microchip Technology

Part # MRF89XA
Description  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Datasheet(HTML) 61 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 57Page - Microchip Technology MRF89XA Datasheet HTML 58Page - Microchip Technology MRF89XA Datasheet HTML 59Page - Microchip Technology MRF89XA Datasheet HTML 60Page - Microchip Technology MRF89XA Datasheet HTML 61Page - Microchip Technology MRF89XA Datasheet HTML 62Page - Microchip Technology MRF89XA Datasheet HTML 63Page - Microchip Technology MRF89XA Datasheet HTML 64Page - Microchip Technology MRF89XA Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 61
MRF89XA
3.4
Receiver
The MRF89XA is set to Receive mode when the
CMOD<2:0> bits (GCONREG<7:5>) are set to ‘011’
(see Register 2-1).
The receiver is based on the superheterodyne
architecture. (In a superheterodyne architecture, you
need to use a saw filter to give better image rejection).
The front-end is composed of an LNA and a mixer
whose gains are constant. The mixer down-converts
the RF signal to an intermediate frequency, which is
equal to one-eighth of the LO frequency, which in turn
is equal to eight-ninths of the RF frequency. Behind this
first mixer is a variable gain IF amplifier that can be
programmed from a maximum gain of 13.5-0 dB in
steps of 4.5 dB by altering the IFGAIN<1:0> bits
(DMODREG<1:0>).
After the variable gain IF amplifier, the signal is down-
converted into two I and Q baseband signals by two
quadrature mixers that are fed by reference signals at
one-eighth the LO frequency. These I and Q signals are
then filtered and amplified before demodulation.
The first filter is a second-order passive R-C filter
whose bandwidth can be programmed to 16 values
with the PASFILV<3:0> bits (FILCREG<7:4>). The
second filter can be configured as either a third-order
Butterworth active filter, which acts as a low-pass filter
for the zero-IF FSK configuration, or as a polyphase
band-pass filter for the low-IF OOK configuration. To
select the Butterworth low-pass filter operation, the
POLFILEN bit (SYNCREG<7>) is set to ‘0’. The
bandwidth of the Butterworth filter can be programmed
to 16 values by configuring the BUTFILV<3:0> bits
(FILCREG<3:0>). The low-IF configuration must be
used for OOK modulation. This configuration is
enabled when the POLFILEN bit (SYNCREG<7>) is
set to ‘1’. The center frequency (fo) of the polyphase
filter can be programmed to 16 values by setting the
POLCFV<3:0> bits (PFCREG<7:4>). The bandwidth of
the filter can be programmed by configuring the
BUTFILV<3:0> bits (FILCREG<3:0>). In OOK mode,
the value of the low-IF is equal to the deviation
frequency defined in FDEVREG.
In addition to the channel filtering, the function of the
polyphase filter is to reject the image. Figure 3-5
illustrates the two configurations of the second IF filter.
In the Butterworth configuration, FCBW is the 3 dB cut-
off
frequency.
In
the
polyphase
band-pass
configuration, FOPP is the center frequency given by
the POLCFV<3:0> bits (PFCREG<7:4>), and FCPP is
the upper 3 dB bandwidth of the filter whose offset,
referenced to FOPP, is given by BUTFILV<3:0> bits
(FILCREG<3:0>).
3.4.1
MRF89XA SECOND IF FILTER
DETAILS
FIGURE 3-5:
IF FILTERS IN FSK AND
OOK MODES
After filtering, the I and Q signals are each amplified by
a chain of 11 amplifiers having 6 dB of gain each. The
outputs of these amplifiers and their intermediate 3 dB
nodes are used to evaluate the received signal strength
(RSSI). Limiters are located behind the 11 amplifiers of
the I and Q chains, and the signals at the output of
these limiters are used by the FSK demodulator. The
OOK demodulator uses the RSSI output. The global
bandwidth of the entire baseband chain is given by the
bandwidths of the passive filter, the Butterworth filter,
the amplifier chain, and the limiter. The maximum,
achievable global bandwidth when the bandwidths of
the first three blocks are programmed at their upper
limit is approximately 350 kHz.
3.4.2
LNA AND FIRST MIXER
In Receive mode, the RFIO pin is connected to a fixed
gain, common-gate, Low Noise Amplifier (LNA). The
performance of this amplifier is such that the Noise
Figure (NF) of the receiver is estimated to be
approximately 7 dB.
3.4.3
IF GAIN AND SECOND I/Q MIXER
Following the LNA and first down-conversion, there is
an IF amplifier whose gain can be programmed from -
13.5-0 dB in 4.5 dB steps, through the IFGAIN<1:0>
bits
(DMODREG<1:0>).
The
default
setting
corresponds to 0 dB gain, but lower values can be used
to increase the RSSI dynamic range. For more
information, refer Section 3.4.7, received signal
strength (RSSI).
Butterworth Low-Pass Filter for FSK
Polyphase Band-Pass Filter for OOK
FCBW
FCPP
FOPP
2 * FOPP – FCPP


Similar Part No. - MRF89XA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF89XAM8A MICROCHIP-MRF89XAM8A Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
MRF89XAM8A-I/RM MICROCHIP-MRF89XAM8A-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8AT-I/RM MICROCHIP-MRF89XAM8AT-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
   915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
More results

Similar Description - MRF89XA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com