Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX88190 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AX88190
Description  PCMCIA Fast Ethernet MAC Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX88190 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AX88190 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX88190 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX88190 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX88190 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX88190 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX88190 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX88190 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX88190 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX88190 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
9
2.4 SNI Interface pins group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
STXC
I
66
Transmit Clock : this signal is driven by PHY with 20MHz clock.
STXD
O
68
Transmit Data : STXD is transition synchronously with respect to the
rising edge of STXC. For each STXC period in which STXE is
asserted, STXD is accepted for transmission by the PHY.
STXE
O
70
Transmit Enable : STXE is transition synchronously with respect to
the rising edge of STXC. STXE indicates that the port is presenting
data on STXD for transmission.
SCOL
I
76
Collision : this signal is driven by PHY when collision is detected.
SRXC
I
78
Receive Clock : SRXC is driven by PHY for received data
synchronization.
SRXD
I
79
Receive Data : SRXD is driven by the PHY synchronously with respect
to SRXC.
SCRS
I
80
Carrier Sense : Asynchronous signal SCRS is asserted by the PHY
when either the transmit or receive medium is non-idle.
SLINK#
I/PU
74
Link indicator : Active low indicate the SNI interface is link to
network. When SNI is not used must keep the pin no connection or
pull high the signal.
Tab - 4 Serial Network Interface pins group
2.5 Modem interface pins group
Signal Name
Type
Pin No.
Description
MRDY
I/PU
118
Modem Ready : MRDY low indicates that modem is initializing the
modem after reset signal asserted or the modem is at SLEEP/STOP
mode.
MRESET#
O
117
Modem Reset :This signal asserts low to reset the modem chipset.
MDCS#
O
111
Modem Chip Select : This signal connected to modem chip select pin.
MPWDN
O
116
Modem Power Down : Rockwell modem chipset, this signal asserts
low to let modem chipset into power down mode. AT&T modem
chipset, this signal asserts high to let modem chipset into power down
mode.
MINT
I/PD
112
Modem Interrupt : This signal driven by modem chipset to active
interrupt.
MRIN#
I/PU
115
Ring Input :This signal is driven by DAA’s ring detect circuit. When
a telephone ringing signal is being received.
MAUDIO
I/PD
113
Modem Audio : This signal is passed to PCMCIA interface via SPKR.
Tab - 5 Modem interface signals group
2.6 General Purpose I/O pins group
Signal Name
Type
Pin No.
Description
GPI[3]
I
57
Read register offset 18h bit 3 value reflects this input value.
GPI[2]
I
58
Read register offset 18h bit 2 value reflects this input value.
GPI[1]
I
60
Read register offset 18h bit 1 value reflects this input value.
GPI[0]
I
61
Read register offset 18h bit 0 value reflects this input value.


Similar Part No. - AX88190

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88190AL ASIX-AX88190AL Datasheet
643Kb / 49P
   10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
   10/100BASE PCMCIA Fast Ethernet MAC Controller
More results

Similar Description - AX88190

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88190AL ASIX-AX88190AL Datasheet
643Kb / 49P
   10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
   10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88140A ASIX-AX88140A Datasheet
467Kb / 46P
   Fast Ethernet MAC Controller
logo
List of Unclassifed Man...
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
   LOW POWER ETHERNET PCMCIA CONTROLLER
TC3299A ETC-TC3299A Datasheet
1Mb / 26P
   Ethernet PCMCIA Controller COMBO Transceiver
logo
ASIX Electronics Corpor...
AX88790L ASIX-AX88790L Datasheet
646Kb / 60P
   10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
AX88195P ASIX-AX88195P Datasheet
510Kb / 37P
   10/100BASE Local CPU Bus Fast Ethernet MAC Controller
logo
Davicom Semiconductor, ...
DM9051 DAVICOM-DM9051 Datasheet
90Kb / 4P
   SPI to Ethernet MAC Controller
logo
Intel Corporation
82595TX INTEL-82595TX Datasheet
709Kb / 59P
   ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com