Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0059-24 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0059-24
Description  N Male to QN Male Right Angle Cable 24 InchLength Using LMR-195 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0059-24 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0059-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0059-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0059-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to QN Male Right Angle Cable 24 Inch Length Using LMR-195 Coax
Configuration
Connector 1
N Male
Connector 2
QN Male Right Angle
Cable Type
LMR-195
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-195
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Size
Length, in [mm]
24 [609.6]
Diameter, in [mm]
0.748 [19]
.
Weight, lbs [g]
0.227 [102.97]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.5 [12.7]
Repeated Minimum Bend Radius, in [mm]
2 [50.8]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.195 [4.95]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Body Material and Plating
Brass, Nickel
DielectricType
Teflon
Connector 2
Type
QN Male Right Angle
Configuration
RightAngle
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: N Male to QN Male Right Angle Cable 24 Inch Length Using LMR-195 Coax PE3C0059-24
PE3C0059-24 REV
PE3C0059-24
N Male to QN Male Right Angle Cable 24 Inch
Length Using LMR-195 Coax


Similar Part No. - PE3C0059-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0059-12 PASTERNACK-PE3C0059-12 Datasheet
327Kb / 3P
   N Male to QN Male Right Angle Cable 12 InchLength Using LMR-195 Coax
PE3C0059-36 PASTERNACK-PE3C0059-36 Datasheet
327Kb / 3P
   N Male to QN Male Right Angle Cable 36 InchLength Using LMR-195 Coax
PE3C0059-48 PASTERNACK-PE3C0059-48 Datasheet
328Kb / 3P
   N Male to QN Male Right Angle Cable 48 InchLength Using LMR-195 Coax
PE3C0059-60 PASTERNACK-PE3C0059-60 Datasheet
327Kb / 3P
   N Male to QN Male Right Angle Cable 60 Inch Length Using LMR-195 Coax
More results

Similar Description - PE3C0059-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0059-48 PASTERNACK-PE3C0059-48 Datasheet
328Kb / 3P
   N Male to QN Male Right Angle Cable 48 InchLength Using LMR-195 Coax
PE3C0059-12 PASTERNACK-PE3C0059-12 Datasheet
327Kb / 3P
   N Male to QN Male Right Angle Cable 12 InchLength Using LMR-195 Coax
PE3C0059-36 PASTERNACK-PE3C0059-36 Datasheet
327Kb / 3P
   N Male to QN Male Right Angle Cable 36 InchLength Using LMR-195 Coax
PE3C0059 PASTERNACK-PE3C0059 Datasheet
334Kb / 3P
   N Male to QN Male Right Angle Cable Using LMR-195 Coax
PE3C0038-24 PASTERNACK-PE3C0038-24 Datasheet
328Kb / 3P
   SMA Male to SMA Male Cable 24 InchLength Using LMR-195 Coax
PE3C0054-24 PASTERNACK-PE3C0054-24 Datasheet
331Kb / 3P
   BNC Male to BNC Male Cable 24 InchLength Using LMR-195 Coax
PE3C0042-24 PASTERNACK-PE3C0042-24 Datasheet
329Kb / 3P
   TNC Male to TNC Male Cable 24 InchLength Using LMR-195 Coax
PE3C0059-60 PASTERNACK-PE3C0059-60 Datasheet
327Kb / 3P
   N Male to QN Male Right Angle Cable 60 Inch Length Using LMR-195 Coax
PE3C0054-36 PASTERNACK-PE3C0054-36 Datasheet
331Kb / 3P
   BNC Male to BNC Male Cable 36 InchLength Using LMR-195 Coax
PE3C0042-12 PASTERNACK-PE3C0042-12 Datasheet
329Kb / 3P
   TNC Male to TNC Male Cable 12 InchLength Using LMR-195 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com