Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT52BR3224A-70CI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT52BR3224A-70CI
Description  32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52BR3224A-70CI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT52BR3224A-70CI Datasheet HTML 1Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 2Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 3Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 4Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 5Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 6Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 7Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 8Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
3
AT52BR3224A(T)/3228A(T)
3338B–STKD–6/03
Block Diagram
Description
The AT52BR3224A(T) combines a 32-megabit Flash (2M x 16) and a 4-megabit SRAM (orga-
nized as 256K x 16) in a stacked 66-ball CBGA package. The AT52BR3228A(T) combines a
32-megabit Flash (2M x 16) and an 8-megabit SRAM (organized as 512K x 16) in a stacked
66-ball CBGA package. The stacked modules operate at 2.7V to 3.3V in the industrial temper-
ature range.
32-Mbit
FLASH
4/8-Mbit
SRAM
ADDRESS
DATA
RESET
CE
RDY/BUSY
SCS1
SCS2
WE
SWE
SOE
OE
Absolute Maximum Ratings
Temperature under Bias.................................. -40
° C to +85° C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature .................................... -55
° C to +150° C
All Input Voltages
except V
PP and RESET
(including NC Pins)
with Respect to Ground .....................................-0.2V to +3.3V
Voltage on VPP
with Respect to Ground ..................................-0.2V to + 6.25V
Voltage on RESET
with Respect to Ground ...................................-0.2V to +13.5V
All Output Voltages
with Respect to Ground .....................................-0.2V to +0.2V
DC and AC Operating Range
AT52BR3224A(T)/3228A(T)-70
Operating Temperature (Case)
Industrial
-40
° C - 85° C
V
CC Power Supply
2.7V to 3.3V


Similar Part No. - AT52BR3224A-70CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR1664A ATMEL-AT52BR1664A Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664A-70CI ATMEL-AT52BR1664A-70CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664A-90CI ATMEL-AT52BR1664A-90CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664AT-70CI ATMEL-AT52BR1664AT-70CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
More results

Similar Description - AT52BR3224A-70CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com