Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT52BR3224A-70CI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT52BR3224A-70CI
Description  32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52BR3224A-70CI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT52BR3224A-70CI Datasheet HTML 1Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 2Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 3Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 4Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 5Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 6Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 7Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 8Page - ATMEL Corporation AT52BR3224A-70CI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
AT52BR3224A(T)/3228A(T)
3338B–STKD–6/03
Pin Configuration
AT52BR3224A(T)/
AT52BR3228A(T)
(Top View)
Pin Name
Function
A0 - A17
Flash/SRAM Common Address Input for 4M SRAM
A0 - A18
Flash/SRAM Common Address Input for 8M SRAM
A19 - A20
Flash Address Input
CE
Flash Chip Enable
OE
Flash Output Enable
WE
Flash Write Enablee
RESET
Flash Reset
RDY/BUSY
Flash READY/BUSY Output
VPP
Flash Power Supply for Accelerated Program/Erase Operations
VCC
Flash Power
GND
Flash Ground
I/O0 - I/O15
Data Inputs/Outputs
NC
No Connect
SLB
SRAM Lower Byte
SUB
SRAM Upper Byte
SVCC
SRAM Power
SGND
SRAM Ground
SCS1
SRAM Chip Select 1
SCS2
SRAM Chip Select 2
SWE
SRAM Write Enable
SOE
SRAM Output Enable
A
B
C
D
E
F
G
H
1
23456789
10
11
12
NC
NC
NC
NC
A20
A16
WE
SGND
NC
SLB
A18
NC
A11
A8
RDY/BUSY
RES
VPP
SUB
A17
A5
A15
A10
A19
SOE
A7
A4
A14
A9
I/O11
A6
A0
A13
I/O15
I/O13
I/O12
I/O9
A3
CE
A12
SWE
I/O6
SCS2
I/O10
I/O8
A2
GND
GND
I/O14
I/O4
SVCC
I/O2
I/O0
A1
OE
NC
I/O7
I/O5
VCC
I/O3
I/O1
SCS1
NC
NC
NC
NC
NC


Similar Part No. - AT52BR3224A-70CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR1664A ATMEL-AT52BR1664A Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664A-70CI ATMEL-AT52BR1664A-70CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664A-90CI ATMEL-AT52BR1664A-90CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664AT-70CI ATMEL-AT52BR1664AT-70CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
More results

Similar Description - AT52BR3224A-70CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com