Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C5131A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89C5131A
Description  USB Microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89C5131A Datasheet HTML 1Page - ATMEL Corporation AT89C5131A Datasheet HTML 2Page - ATMEL Corporation AT89C5131A Datasheet HTML 3Page - ATMEL Corporation AT89C5131A Datasheet HTML 4Page - ATMEL Corporation AT89C5131A Datasheet HTML 5Page - ATMEL Corporation AT89C5131A Datasheet HTML 6Page - ATMEL Corporation AT89C5131A Datasheet HTML 7Page - ATMEL Corporation AT89C5131A Datasheet HTML 8Page - ATMEL Corporation AT89C5131A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
AT89C5131A USB Bootloader
4287C–USB–11/04
In-System
Programming
ISP allows the user to program or reprogram a microcontroller’s on-chip Flash memory
through the USB bus without removing it from the system and without the need of a pre-
programmed application.
This section describes how to start the USB bootloader and the higher level protocol
over the USB.
Boot Process
The bootloader can be activated in two ways:
Hardware conditions
Regular boot process
Figure 2 and Figure 3 describe the boot process flows for low pin count and high pin
count products.
High Pin Count Hardware
Conditions
The Hardware conditions (EA = 1, PSEN = 0) during the RESET rising edge force the
on-chip bootloader execution. In this way the bootloader can be carried out regardless
of the user Flash memory content.
As PSEN is an output port in normal operating mode (running user application or boot-
loader code) after reset, it is recommended to release PSEN after rising edge of reset
signal. The hardware conditions are sampled at reset signal rising edge, thus they can
be released at any time when reset input is high.
Low Pin Count Hardware
Conditions
The Hardware Condition forces the bootloader execution from reset.
The default factory Hardware Condition is assigned to port P1.
P1 must be equal to FEh
In order to offer the best flexibility, the user can define its own Hardware Condition on
one of the following Ports:
•Port1
•Port3
Port4 (only bit0 and bit1)
The Hardware Condition configuration are stored in three bytes called P1_CF, P3_CF,
P4_CF.
These bytes can be modified by the user through a set of API or through an ISP
command.
There is a priority between P1_CF, P3_CF and P4_CF (see Figure 3 on page 8).
Note:
The BLJB must be at 0 (programmed) to be able to restart the bootloader.
If the BLJB is equal to 1 (unprogrammed) only the hardware parallel programmer can
change this bit (see AT89C5131A datasheet for more details).


Similar Part No. - AT89C5131A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5131A ATMEL-AT89C5131A Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A ATMEL-AT89C5131A Datasheet
333Kb / 34P
   USB Microcontrollers
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_06 Datasheet
2Mb / 185P
   8-bit Flash Microcontroller with Full Speed USB Device
More results

Similar Description - AT89C5131A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51SND1 ATMEL-AT89C51SND1_06 Datasheet
517Kb / 33P
   USB Microcontrollers
AT89C5131A ATMEL-AT89C5131A_08 Datasheet
333Kb / 34P
   USB Microcontrollers
logo
Microchip Technology
PIC18F-LF1XK50 MICROCHIP-PIC18F-LF1XK50 Datasheet
3Mb / 420P
   20-Pin USB Flash Microcontrollers
2010
PIC16C745-I MICROCHIP-PIC16C745-I Datasheet
3Mb / 165P
   8-Bit CMOS Microcontrollers with USB
03/01/02
PIC16C745 MICROCHIP-PIC16C745_13 Datasheet
2Mb / 166P
   8-Bit CMOS Microcontrollers with USB
11/29/12 1999-2013
PIC16C745 MICROCHIP-PIC16C745 Datasheet
2Mb / 158P
   8-Bit CMOS Microcontrollers with USB
1999
logo
NXP Semiconductors
LPC214X NXP-LPC214X Datasheet
258Kb / 2P
   ARM7-based microcontrollers with full-speed USB 2.0
January 2007
logo
Microchip Technology
PIC18F44J50-I MICROCHIP-PIC18F44J50-I Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
logo
Maxim Integrated Produc...
MAXQ612 MAXIM-MAXQ612 Datasheet
1Mb / 30P
   16-Bit Microcontrollers with Infrared Module and Optional USB
Rev 0; 2/10
logo
Microchip Technology
PIC18F13K50 MICROCHIP-PIC18F13K50 Datasheet
6Mb / 414P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP??Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com