Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C5131A-M Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89C5131A-M
Description  8-bit Flash Microcontroller with Full Speed USB Device
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-M Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89C5131A-M Datasheet HTML 1Page - ATMEL Corporation AT89C5131A-M Datasheet HTML 2Page - ATMEL Corporation AT89C5131A-M Datasheet HTML 3Page - ATMEL Corporation AT89C5131A-M Datasheet HTML 4Page - ATMEL Corporation AT89C5131A-M Datasheet HTML 5Page - ATMEL Corporation AT89C5131A-M Datasheet HTML 6Page - ATMEL Corporation AT89C5131A-M Datasheet HTML 7Page - ATMEL Corporation AT89C5131A-M Datasheet HTML 8Page - ATMEL Corporation AT89C5131A-M Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 184 page
background image
4
AT89C5130A/31A-M
4337C–USB–02/05
Pinout Description
Pinout
Figure 1. AT89C5130A/31A-M 52-pin PLCC Pinout
21 22
26
25
24
23
29
28
27
30 31
5
4
3
2
1
6
52 51 50 49 48
8
9
10
11
12
13
14
15
16
17
18
46
45
44
43
42
41
40
39
38
37
36
PLCC52
7
47
19
20
32 33
34
35
P0.6/AD6
P0.7/AD7
P3.0/RxD
AVSS
P2.6/A14
XTAL1
P2.5/A13
P0.3/AD3
P0.5/AD5
P0.4/AD4
P0.2/AD2
P0.1/AD1
AVDD
UCAP
P3.6/WR/LED2
XTAL2
RST
P3.7/RD/LED3
P2.3/A11
VSS
P2.4/A12
P4.1/SDA
NC
NC
VDD
P2.7/A15


Similar Part No. - AT89C5131A-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5131A-M ATMEL-AT89C5131A-M Datasheet
2Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-M ATMEL-AT89C5131A-M Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-M ATMEL-AT89C5131A-M_14 Datasheet
1Mb / 188P
   Maximum Core Frequency 48 MHz in X1 Mode, 24 MHz in X2 Mode
More results

Similar Description - AT89C5131A-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M_06 Datasheet
2Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131 ATMEL-AT89C5131 Datasheet
2Mb / 176P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_06 Datasheet
2Mb / 185P
   8-bit Flash Microcontroller with Full Speed USB Device
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
   8-bit Microcontroller with Full Speed USB Device
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
   8-Bit Microcontroller with Full-Speed USB 2.0
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com