Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4451 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE4451
Description  TNC Male Right Angle Connector Crimp/Crimp Attachment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4451 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE4451_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4451_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4451_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4451_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
TNC Male Right Angle Connector Crimp/Crimp Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195
inch from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Right Angle Connector Crimp/Crimp Attachment for RG58, RG303, RG141, PE-C195,
PE-P195, LMR-195, 0.195 inch PE4451
URL: https://www.pasternack.com/tnc-male-standard-rg58-connector-pe4451-p.aspx
PE4451 REV 1.2
RF Connectors Technical Data Sheet
PE4451
TNC Male Right Angle Connector Crimp/Crimp Attachment for
RG58, RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch


Similar Part No. - PE4451_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44510 PASTERNACK-PE44510 Datasheet
202Kb / 2P
   QMA Female Connector Solder Attachment Surface Mount PCB
PE44511 PASTERNACK-PE44511 Datasheet
209Kb / 2P
   QMA Female Right Angle Connector Solder Attachment Surface Mount PCB
PE44512 PASTERNACK-PE44512 Datasheet
206Kb / 2P
   QMA Female Connector Solder Attachment Thru Hole PCB
PE44513 PASTERNACK-PE44513 Datasheet
292Kb / 2P
   QMA Female Right Angle Connector Solder Attachment Thru Hole PCB
PE44514 PASTERNACK-PE44514 Datasheet
296Kb / 2P
   QMA Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
More results

Similar Description - PE4451_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4450 PASTERNACK-PE4450_16 Datasheet
377Kb / 3P
   TNC Male Right Angle Connector Crimp/Solder Attachment
PE4455 PASTERNACK-PE4455_16 Datasheet
320Kb / 3P
   TNC Male Right Angle Connector Crimp/Solder Attachment
PE4453 PASTERNACK-PE4453_16 Datasheet
318Kb / 3P
   TNC Male Right Angle Connector Crimp/Solder Attachment
PE4047 PASTERNACK-PE4047_16 Datasheet
354Kb / 3P
   TNC Male Connector Crimp/Crimp Attachment
PE4302 PASTERNACK-PE4302 Datasheet
410Kb / 3P
   TNC Male Connector Crimp/Crimp Attachment
PE4298 PASTERNACK-PE4298_16 Datasheet
380Kb / 3P
   BNC Male Right Angle Connector Crimp/Crimp Attachment
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
   TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4071 PASTERNACK-PE4071_17 Datasheet
371Kb / 3P
   TNC Male Connector Crimp/Solder Attachment
PE4446 PASTERNACK-PE4446_16 Datasheet
307Kb / 3P
   TNC Male Connector Crimp/Solder Attachment
PE4447 PASTERNACK-PE4447_16 Datasheet
352Kb / 3P
   TNC Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com