Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIA1205SPR47MN Datasheet(PDF) 3 Page - Superworld Electronics

Part # PIA1205SPR47MN
Description  Molded Choke Coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIA1205SPR47MN Datasheet(HTML) 3 Page - Superworld Electronics

  PIA1205SPR47MN Datasheet HTML 1Page - Superworld Electronics PIA1205SPR47MN Datasheet HTML 2Page - Superworld Electronics PIA1205SPR47MN Datasheet HTML 3Page - Superworld Electronics PIA1205SPR47MN Datasheet HTML 4Page - Superworld Electronics PIA1205SPR47MN Datasheet HTML 5Page - Superworld Electronics PIA1205SPR47MN Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Molded Choke Coil PIA1205SP Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
29/09/2017
P3
6. Electrical Characteristics:
Notes:
1) At all times, the current supplied to the product should not exceed Isat Max. value.
7. Characteristics Curves:
Part Number
Inductance
Lo (uH)
@ 0A
±20%
Test
Frequency, L
Heat Rating
Current DC
( A ) Irms.
Saturation
Current DC
(A) Isat.
DCR
(mΩ)Typ.
DCR
(mΩ)Max.
Type
Typ.
Max.
Typ.
Max.
PIA1205SPR47MN
0.47
100kHz/1.0V
38
34
65
58
0.77
0.9
Non lead frame
PIA1205SPR68MN
0.68
100kHz/1.0V
34
31
50
42
1.3
1.55
Non lead frame
PIA1205SP1R0MN
1.00
100kHz/1.0V
30
27
40
34
1.6
1.9
Non lead frame
PIA1205SP1R5MN
1.50
100kHz/1.0V
25
22
31
28
3.2
3.8
Lead frame
PIA1205SP2R2MN
2.20
100kHz/1.0V
17
15.5
26
23
4.1
4.8
Lead frame
PIA1205SP3R3MN
3.30
100kHz/1.0V
15.5
14
23
20.5
6.0
7.0
Lead frame
PIA1205SP4R7MN
4.70
100kHz/1.0V
14
12.5
18.5
16
8.8
10.2
Lead frame
PIA1205SP6R8MN
6.80
100kHz/1.0V
12
11
16.5
15
13
16
Lead frame
PIA1205SP100MN
10.0
100kHz/1.0V
10
9.0
13
10.5
19.2
22
Lead frame
PIA1205SPR47MN
PIA1205SPR68MN
PIA1205SP1R0MN
PIA1205SP1R5MN
PIA1205SP2R2MN
PIA1205SP3R3MN


Similar Part No. - PIA1205SPR47MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIA1206SP100MN SUPERWORLD-PIA1206SP100MN Datasheet
203Kb / 6P
   Molded Choke Coil
PIA1206SP101MN SUPERWORLD-PIA1206SP101MN Datasheet
203Kb / 6P
   Molded Choke Coil
PIA1206SP150MN SUPERWORLD-PIA1206SP150MN Datasheet
203Kb / 6P
   Molded Choke Coil
PIA1206SP151MN SUPERWORLD-PIA1206SP151MN Datasheet
203Kb / 6P
   Molded Choke Coil
PIA1206SP220MN SUPERWORLD-PIA1206SP220MN Datasheet
203Kb / 6P
   Molded Choke Coil
More results

Similar Description - PIA1205SPR47MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIA0624SR10YN SUPERWORLD-PIA0624SR10YN Datasheet
323Kb / 8P
   Molded Choke Coil
PIA1004SR15YN SUPERWORLD-PIA1004SR15YN Datasheet
299Kb / 8P
   Molded Choke Coil
PIA1206SP8R2MN SUPERWORLD-PIA1206SP8R2MN Datasheet
203Kb / 6P
   Molded Choke Coil
PIA0402SPR10MN SUPERWORLD-PIA0402SPR10MN Datasheet
273Kb / 6P
   Molded Choke Coil
PIA0502SPR15YN SUPERWORLD-PIA0502SPR15YN Datasheet
272Kb / 6P
   Molded Choke Coil
PIA1005SR36MN SUPERWORLD-PIA1005SR36MN Datasheet
269Kb / 7P
   Molded Choke Coil
PIA0603SR15YN SUPERWORLD-PIA0603SR15YN Datasheet
336Kb / 8P
   Molded Choke Coil
PIA1707SP1R0MN SUPERWORLD-PIA1707SP1R0MN Datasheet
212Kb / 6P
   Molded Choke Coil
PIA1265SPR10YN SUPERWORLD-PIA1265SPR10YN Datasheet
274Kb / 7P
   Molded Choke Coil
PIA0503SR20MN SUPERWORLD-PIA0503SR20MN Datasheet
278Kb / 7P
   Molded Choke Coil
PIA0602SR47MN SUPERWORLD-PIA0602SR47MN Datasheet
270Kb / 6P
   Molded Choke Coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com