Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0049-36 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0049-36
Description  N Male to QMA Male Right Angle Cable 48 Inch Length Using LMR-195 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0049-36 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0049-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0049-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0049-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to QMA Male Right Angle Cable 48 Inch Length Using LMR-195 Coax
Configuration
Connector 1
N Male
Connector 2
QMA Male Right Angle
Cable Type
LMR-195
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-195
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Size
Length, in [cm]
48 [121.92]
Diameter, in [mm]
0.41 [10.41]
.
Weight, lbs [g]
0.096 [43.54]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.5 [12.7]
Repeated Minimum Bend Radius, in [mm]
2 [50.8]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.195 [4.95]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Body Material and Plating
Brass, Nickel
DielectricType
Teflon
Connector 2
Type
QMA Male Right Angle
Configuration
RightAngle
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nexcote
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: N Male to QMA Male Right Angle Cable 48 Inch Length Using LMR-195 Coax PE3C0049-48
PE3C0049-48 REV
PE3C0049-48
N Male to QMA Male Right Angle Cable
48 Inch Length Using LMR-195 Coax


Similar Part No. - PE3C0049-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0049-36 PASTERNACK-PE3C0049-36 Datasheet
327Kb / 3P
   N Male to QMA Male Right Angle Cable 12 Inch Length Using LMR-195 Coax
PE3C0049-36 PASTERNACK-PE3C0049-36 Datasheet
327Kb / 3P
   N Male to QMA Male Right Angle Cable 24 Inch Length Using LMR-195 Coax
PE3C0049-36 PASTERNACK-PE3C0049-36 Datasheet
327Kb / 3P
   N Male to QMA Male Right Angle Cable 36 Inch Length Using LMR-195 Coax
PE3C0049-36 PASTERNACK-PE3C0049-36 Datasheet
327Kb / 3P
   N Male to QMA Male Right Angle Cable 60 Inch Length Using LMR-195 Coax
More results

Similar Description - PE3C0049-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0049-24 PASTERNACK-PE3C0049-24 Datasheet
327Kb / 3P
   N Male to QMA Male Right Angle Cable 24 Inch Length Using LMR-195 Coax
PE3C0049-36 PASTERNACK-PE3C0049-36 Datasheet
327Kb / 3P
   N Male to QMA Male Right Angle Cable 36 Inch Length Using LMR-195 Coax
PE3C0049-12 PASTERNACK-PE3C0049-12 Datasheet
327Kb / 3P
   N Male to QMA Male Right Angle Cable 12 Inch Length Using LMR-195 Coax
PE3C0049-60 PASTERNACK-PE3C0049-60 Datasheet
327Kb / 3P
   N Male to QMA Male Right Angle Cable 60 Inch Length Using LMR-195 Coax
PE3C0049 PASTERNACK-PE3C0049 Datasheet
813Kb / 3P
   N Male to QMA Male Right Angle Cable Using LMR-195 Coax
PE3C0060-48 PASTERNACK-PE3C0060-48 Datasheet
331Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-195 Coax
PE3C0061-48 PASTERNACK-PE3C0061-48 Datasheet
325Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-195 Coax
PE3C0054-48 PASTERNACK-PE3C0054-48 Datasheet
342Kb / 3P
   BNC Male to BNC Male Cable 48 Inch Length Using LMR-195 Coax
PE3C0051-48 PASTERNACK-PE3C0051-48 Datasheet
330Kb / 3P
   SMA Male to BNC Male Cable 48 Inch Length Using LMR-195 Coax
PE3C0120-48 PASTERNACK-PE3C0120-48 Datasheet
388Kb / 4P
   N Male to N Male Right Angle with Times Connectors Cable 48 Inch Length Using LMR-195 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com