Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8221BR-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8221BR-REEL
Description  Precision Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221BR-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8221BR-REEL Datasheet HTML 3Page - Analog Devices AD8221BR-REEL Datasheet HTML 4Page - Analog Devices AD8221BR-REEL Datasheet HTML 5Page - Analog Devices AD8221BR-REEL Datasheet HTML 6Page - Analog Devices AD8221BR-REEL Datasheet HTML 7Page - Analog Devices AD8221BR-REEL Datasheet HTML 8Page - Analog Devices AD8221BR-REEL Datasheet HTML 9Page - Analog Devices AD8221BR-REEL Datasheet HTML 10Page - Analog Devices AD8221BR-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8221
Rev. A | Page 7 of 20
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
–5
0
–15
–10
5
10
15
COMMON-MODE VOLTAGE (V)
VS = ±5V
VS = ±15V
Figure 9. IBIAS vs. CMV
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.1
0.01
1
10
WARM-UP TIME (min)
Figure 10. Change in Input Offset Voltage vs. Warm-Up Time
–5.0
–4.0
–3.0
–2.0
–1.0
0
1.0
2.0
3.0
4.0
5.0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
INPUT BIAS CURRENT
VS = ±15V
INPUT OFFSET CURRENT
Figure 11. Input Bias Current and Offset Current vs. Temperature
20
40
60
80
100
120
140
160
180
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
GAIN = 1000
Figure 12. Positive PSRR vs. Frequency, RTI (G = 1 to 1000)
20
40
60
80
100
120
140
160
180
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 13. Negative PSRR vs. Frequency, RTI (G = 1 to 1000)
10
100
1k
10k
100k
1k
10k
10
100
100k
1M
10M
SOURCE RESISTANCE (
Ω)
BEST AVAILABLE FET
INPUT IN-AMP GAIN = 1
BEST AVAILABLE FET
INPUT IN-AMP GAIN = 1000
AD8221 GAIN = 1
AD8221 GAIN = 1000
Figure 14. Total Drift vs. Source Resistance


Similar Part No. - AD8221BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8221BR-REEL AD-AD8221BR-REEL Datasheet
708Kb / 24P
   Precision Instrumentation Amplifier
REV. B
AD8221BR-REEL AD-AD8221BR-REEL Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD8221BR-REEL AD-AD8221BR-REEL Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
AD8221BR-REEL7 AD-AD8221BR-REEL7 Datasheet
708Kb / 24P
   Precision Instrumentation Amplifier
REV. B
AD8221BR-REEL7 AD-AD8221BR-REEL7 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
More results

Similar Description - AD8221BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com