Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG3241 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG3241
Description  2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3241 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG3241 Datasheet HTML 4Page - Analog Devices ADG3241 Datasheet HTML 5Page - Analog Devices ADG3241 Datasheet HTML 6Page - Analog Devices ADG3241 Datasheet HTML 7Page - Analog Devices ADG3241 Datasheet HTML 8Page - Analog Devices ADG3241 Datasheet HTML 9Page - Analog Devices ADG3241 Datasheet HTML 10Page - Analog Devices ADG3241 Datasheet HTML 11Page - Analog Devices ADG3241 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
–8–
ADG3241
For the following load circuit and waveforms, the notation that is used is VIN and VOUT where
VV and V
V or V
V and V
V
IN
A
OUT
B
IN
B
OUT
A
==
==
CONTROL
INPUT
BE
0V
tPLH
VOUT
VT
VIH
VH
VT
VL
tPLH
Figure 2. Propagation Delay
VCC
VIN
VOUT
CL
RL
RL
SW1
GND
2
VCC
RT
DUT
PULSE
GENERATOR
NOTES
PULSE GENERATOR FOR ALL PULSES:
tR
2.5ns,
tF
2.5ns,
FREQUENCY
10MHz.
CL INCLUDES BOARD, STRAY, AND LOAD CAPACITANCES.
RT IS THE TERMINATION RESISTOR, SHOULD BE EQUAL TO ZOUT
OF THE PULSE GENERATOR.
Figure 1. Load Circuit
Test Conditions
Symbol
VCC = 3.3 V
± 0.3 V (SEL = V
CC)VCC = 2.5 V
± 0.2 V (SEL = V
CC)VCC = 3.3 V
± 0.3 V (SEL = 0 V) Unit
RL
500
500
500
V
300
150
150
mV
CL
50
30
30
pF
VT
1.5
0.9
0.9
V
TIMING MEASUREMENT INFORMATION
ENABLE
DISABLE
CONTROL INPUT
BE
VIN = 0V
VIN = VCC
VOUT
SW1 @ 2VCC
VOUT
SW1 @ GND
tPLZ
tPZH
tPHZ
tPZL
VT
0V
VCC
VT
VH
VH –V
VL
VL + V
VCC
0V
VT
VINH
0V
Figure 3. Enable and Disable Times
Table III. Switch Position
Test
S1
tPLZ, tPZL
2
× V
CC
tPHZ, tPZH
GND


Similar Part No. - ADG3241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3241 AD-ADG3241 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241BKS-500RL7 AD-ADG3241BKS-500RL7 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241BKS-REEL7 AD-ADG3241BKS-REEL7 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241BKSZ-500RL7 AD-ADG3241BKSZ-500RL7 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241BKSZ-REEL AD-ADG3241BKSZ-REEL Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
More results

Similar Description - ADG3241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_06 Datasheet
399Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3243 AD-ADG3243_15 Datasheet
216Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3242 AD-ADG3242_V01 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com