Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0047-24 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0047-24
Description  TNC Male to Mini UHF Male Cable 48 Inch Length Using LMR-195 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0047-24 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0047-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0047-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0047-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
TNC Male to Mini UHF Male Cable 48 Inch Length Using LMR-195 Coax
Configuration
Connector 1
TNC Male
Connector 1 Specification
MIL-STD-348A
Connector 2
Mini UHF Male
Cable Type
LMR-195
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-195
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Size
Length, in [cm]
48 [121.92]
Diameter, in [mm]
0.591 [15.01]
.
Weight, lbs [g]
0.062 [28.12]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.5 [12.7]
Repeated Minimum Bend Radius, in [mm]
2 [50.8]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.195 [4.95]
Connector 1
Type
TNC Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
Mini UHF Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male to Mini UHF Male Cable 48 Inch Length Using LMR-195 Coax PE3C0047-48
PE3C0047-48 REV
PE3C0047-48
TNC Male to Mini UHF Male Cable 48 Inch
Length Using LMR-195 Coax


Similar Part No. - PE3C0047-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 12 Inch Length Using LMR-195 Coax
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 24 Inch Length Using LMR-195 Coax
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 36 Inch Length Using LMR-195 Coax
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 60 Inch Length Using LMR-195 Coax
More results

Similar Description - PE3C0047-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 24 Inch Length Using LMR-195 Coax
PE3C0047-36 PASTERNACK-PE3C0047-36 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 36 Inch Length Using LMR-195 Coax
PE3C0047-60 PASTERNACK-PE3C0047-60 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 60 Inch Length Using LMR-195 Coax
PE3C0047-12 PASTERNACK-PE3C0047-12 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 12 Inch Length Using LMR-195 Coax
PE3C0047 PASTERNACK-PE3C0047 Datasheet
336Kb / 3P
   TNC Male to Mini UHF Male Cable Using LMR-195 Coax
PE3C0042-48 PASTERNACK-PE3C0042-48 Datasheet
331Kb / 3P
   TNC Male to TNC Male Cable 48 InchLength Using LMR-195 Coax
PE3C0117-48 PASTERNACK-PE3C0117-48 Datasheet
323Kb / 3P
   TNC Male to TNC Male With Times ConnectorsCable 48 Inch Length Using LMR-195 Coax
PE3C0042 PASTERNACK-PE3C0042 Datasheet
337Kb / 3P
   TNC Male to TNC Male Cable Using LMR-195 Coax
PE3C0054-48 PASTERNACK-PE3C0054-48 Datasheet
342Kb / 3P
   BNC Male to BNC Male Cable 48 Inch Length Using LMR-195 Coax
PE3C0051-48 PASTERNACK-PE3C0051-48 Datasheet
330Kb / 3P
   SMA Male to BNC Male Cable 48 Inch Length Using LMR-195 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com