Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0047-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0047-24
Description  TNC Male to Mini UHF Male Cable 48 Inch Length Using LMR-195 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0047-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0047-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0047-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0047-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Male to Mini UHF Male Cable 48 Inch Length Using LMR-195 Coax from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male to Mini UHF Male Cable 48 Inch Length Using LMR-195 Coax PE3C0047-48
URL: http://www.pasternack.com/tnc-male-mini-uhf-male-lmr195-cable-assembly-pe3c0047-48-p.aspx
PE3C0047-48 REV
PE3C0047-48
TNC Male to Mini UHF Male Cable 48 Inch
Length Using LMR-195 Coax


Similar Part No. - PE3C0047-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 12 Inch Length Using LMR-195 Coax
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 24 Inch Length Using LMR-195 Coax
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 36 Inch Length Using LMR-195 Coax
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 60 Inch Length Using LMR-195 Coax
More results

Similar Description - PE3C0047-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 24 Inch Length Using LMR-195 Coax
PE3C0047-36 PASTERNACK-PE3C0047-36 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 36 Inch Length Using LMR-195 Coax
PE3C0047-60 PASTERNACK-PE3C0047-60 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 60 Inch Length Using LMR-195 Coax
PE3C0047-12 PASTERNACK-PE3C0047-12 Datasheet
329Kb / 3P
   TNC Male to Mini UHF Male Cable 12 Inch Length Using LMR-195 Coax
PE3C0047 PASTERNACK-PE3C0047 Datasheet
336Kb / 3P
   TNC Male to Mini UHF Male Cable Using LMR-195 Coax
PE3C0042-48 PASTERNACK-PE3C0042-48 Datasheet
331Kb / 3P
   TNC Male to TNC Male Cable 48 InchLength Using LMR-195 Coax
PE3C0117-48 PASTERNACK-PE3C0117-48 Datasheet
323Kb / 3P
   TNC Male to TNC Male With Times ConnectorsCable 48 Inch Length Using LMR-195 Coax
PE3C0042 PASTERNACK-PE3C0042 Datasheet
337Kb / 3P
   TNC Male to TNC Male Cable Using LMR-195 Coax
PE3C0054-48 PASTERNACK-PE3C0054-48 Datasheet
342Kb / 3P
   BNC Male to BNC Male Cable 48 Inch Length Using LMR-195 Coax
PE3C0051-48 PASTERNACK-PE3C0051-48 Datasheet
330Kb / 3P
   SMA Male to BNC Male Cable 48 Inch Length Using LMR-195 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com