Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPL-C0677WPHB Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTPL-C0677WPHB
Description  SMD LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C0677WPHB Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTPL-C0677WPHB Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-C0677WPHB Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-C0677WPHB Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-C0677WPHB Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C0677WPHB Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C0677WPHB Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C0677WPHB Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C0677WPHB Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C0677WPHB Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2/14
Part No. : LTPL-C0677WPHB
BNS-OD-FC002/A4
SMD LED
LTPL-C0677WPHB
Notes :
1.
HBM : Human Body Model.
2.
Stresses in excess of the absolute maximum ratings can cause damage to the emitter. Maximum Rating limits
apply to each parameter in isolation, all parameters having values within the Current Derating Curves. It should not
be assumed that limiting values of more than one parameters can be applied to the product at the same time.
Exposures to the absolute maximum ratings for extended periods can adversely affect device reliability and
continuously will cause possible permanent damage and de-rating parameters.
3. Rating and Characteristics
3.1 Absolute Maximum Ratings at Ta=25°C
Parameter
LTPL-C0677WPHB
Unit
Power Dissipation(Pulse Mode)
6.3
W
Pulsed Forward Current
(400ms:ON ,3600ms: OFF )
1500
mA
DC Forward Current
350
mA
Junction Temperature
125
°C
Electrostatic Discharge Threshold (HBM)
8000
V
Operating Temperature Range
-40 ºC
to + 85 ºC
Storage Temperature Range
-40 ºC
to + 100 ºC


Similar Part No. - LTPL-C0677WPHB

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-C0677WPGB LITEON-LTPL-C0677WPGB Datasheet
479Kb / 15P
   SMD LED
LTPL-C0677WPYB LITEON-LTPL-C0677WPYB Datasheet
561Kb / 15P
   SMD LED
More results

Similar Description - LTPL-C0677WPHB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com